Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6E2DF Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S6E2DF
Description  S6E2DF Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2DF Datasheet(HTML) 3 Page - Cypress Semiconductor

  S6E2DF Datasheet HTML 1Page - Cypress Semiconductor S6E2DF Datasheet HTML 2Page - Cypress Semiconductor S6E2DF Datasheet HTML 3Page - Cypress Semiconductor S6E2DF Datasheet HTML 4Page - Cypress Semiconductor S6E2DF Datasheet HTML 5Page - Cypress Semiconductor S6E2DF Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Errata Document
S6E2DF Series
December 4, 2015
Document No. 002-05043 Rev. *A
3
Page
Item
Description
178
15. Ordering
Information
Ordering Information should be corrected as indicated by the shading below.
(Error)
Part Number
Package
S6E2DF5G0AGV20000
Plastic・LQFP (0.5 mm pitch), 120 pin
(FPT-120P-M21)
S6E2DF5GJAMV20000
S6E2DF5J0AGV20000
Plastic・LQFP (0.5 mm pitch), 176 pin
(FPT-176P-M07)
S6E2DF5G0AGB30000
Plastic・PFBGA (0.5 mm pitch), 161 pin
(FDJ161)
S6E2DF5G0AGZ20000
Plastic・Ex-LQFP (0.5 mm pitch), 120 pin
(LEM120)
(Correct)
Part Number
Package
S6E2DF5G0AGV20000
Plastic・LQFP (0.5 mm pitch), 120 pin
(FPT-120P-M21)
S6E2DF5GJAMV20000
S6E2DF5J0AGV20000
Plastic・LQFP (0.5 mm pitch), 176 pin
(FPT-176P-M07)
S6E2DF5G0AGB30000
Plastic・PFBGA (0.5 mm pitch), 161 pin
(FDJ161)
S6E2DF5G0AGE20000
Plastic・Ex-LQFP (0.5 mm pitch), 120 pin
(LEM120)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com