Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6E2DF Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S6E2DF
Description  S6E2DF Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2DF Datasheet(HTML) 1 Page - Cypress Semiconductor

  S6E2DF Datasheet HTML 1Page - Cypress Semiconductor S6E2DF Datasheet HTML 2Page - Cypress Semiconductor S6E2DF Datasheet HTML 3Page - Cypress Semiconductor S6E2DF Datasheet HTML 4Page - Cypress Semiconductor S6E2DF Datasheet HTML 5Page - Cypress Semiconductor S6E2DF Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S6E2DF Series
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134
408.943.2600
December 4, 2015
Document No. 002-05043 Rev. *A
1
September 16, 2015
Datasheet Errata for the S6E2DF Series 32-bit ARM® Cortex®-M4F based Microcontroller
This document describes the errata for the S6E2DF Series 32-bit ARM® Cortex®-M4F based Microcontroller
Data Sheet.
Compare this document to the device’s data sheet for a complete functional description.
Contact your local Cypress Sales Representative, if you have questions.
Part Numbers Affected
Part Number
S6E2DF Series
Page
Item
Description
Original document code: DS709-00031-1v0-E
Rev. 1.0 June 25, 2015
64
9. Handling
Devices
"Sub Crystal Oscillator" should be added as indicated by the shading below.
■Surface mount type
Size:
More than 3.2 mm × 1.5 mm
Load capacitance:
Approximately 6 pF to 7 pF
When the Standard setting (CCS/CCB=11001110)
Load capacitance:
Approximately 4 pF to 7 pF
When the low power setting (CCS/CCB=00000100)
■Lead type
Load capacitance:
Approximately 6 pF to 7 pF
When the Standard setting (CCS/CCB=11001110)
Load capacitance:
Approximately 4 pF to 7 pF
When the low power setting (CCS/CCB=00000100)


Similar Part No. - S6E2DF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2D3 CYPRESS-S6E2D3 Datasheet
175Kb / 6P
S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGB30000 CYPRESS-S6E2D35G0AGB30000 Datasheet
175Kb / 6P
S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGE20000 CYPRESS-S6E2D35G0AGE20000 Datasheet
175Kb / 6P
S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGV20000 CYPRESS-S6E2D35G0AGV20000 Datasheet
175Kb / 6P
S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGZ20000 CYPRESS-S6E2D35G0AGZ20000 Datasheet
175Kb / 6P
S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
More results

Similar Description - S6E2DF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2C5 CYPRESS-S6E2C5 Datasheet
5Mb / 200P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2CC CYPRESS-S6E2CC Datasheet
117Kb / 3P
S6E2CC Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2D5 CYPRESS-S6E2D5 Datasheet
262Kb / 5P
S6E2D5 Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2DH CYPRESS-S6E2DH Datasheet
280Kb / 6P
S6E2DH Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480 Datasheet
8Mb / 401P
32-bit ARM짰 Cortex짰-M4F Microcontroller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com