Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9535 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 9535
Description  16-bit I2C and SMBus, low power I/O port with interrupt
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9535 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 9535 Datasheet HTML 4Page - NXP Semiconductors 9535 Datasheet HTML 5Page - NXP Semiconductors 9535 Datasheet HTML 6Page - NXP Semiconductors 9535 Datasheet HTML 7Page - NXP Semiconductors 9535 Datasheet HTML 8Page - NXP Semiconductors 9535 Datasheet HTML 9Page - NXP Semiconductors 9535 Datasheet HTML 10Page - NXP Semiconductors 9535 Datasheet HTML 11Page - NXP Semiconductors 9535 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
1
0
A2
A1 A0
0
0
0
0
A2
A1
A0
0
1
S0
A
A
A
COMMAND BYTE
acknowledge
from slave
R/W
acknowledge
from slave
A
P
NA
acknowledge
from slave
acknowledge
from master
S
DATA
DATA
R/W
first byte
at this moment master-transmitter
becomes master-receiver and
slave-receiver becomes
slave-transmitter
last byte
SU01463
no acknowledge
from master
1
slave address
data from upper
or lower byte of
register
data from lower
or upper byte
of register
slave address
MSB
LSB
MSB
LSB
NOTE: Transfer can be stopped at any time by a STOP condition.
Figure 8.
READ from register
1
23456789
S
0
100
A2
A1
A0
1
A
7
654
321
0
A
I0.x
765
4
3
2
1
0
A
I1.x
7
654
321
0
A
I0.x
7
6
54
32
1
0
1
I1.x
P
R/W
ACKNOWLEDGE
FROM SLAVE
SCL
SDA
ACKNOWLEDGE
FROM MASTER
ACKNOWLEDGE
FROM MASTER
ACKNOWLEDGE
FROM MASTER
NON ACKNOWLEDGE
FROM MASTER
READ FROM PORT 0
DATA INTO PORT 0
READ FROM PORT 1
DATA INTO PORT 1
INT
tIR
tIV
SU01464
NOTES: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output mode).
It is assumed that the command byte has previously been set to 00 (read input port port register).
Figure 9.
READ input port register — scenario 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com