Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9535 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 9535
Description  16-bit I2C and SMBus, low power I/O port with interrupt
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9535 Datasheet(HTML) 2 Page - NXP Semiconductors

  9535 Datasheet HTML 1Page - NXP Semiconductors 9535 Datasheet HTML 2Page - NXP Semiconductors 9535 Datasheet HTML 3Page - NXP Semiconductors 9535 Datasheet HTML 4Page - NXP Semiconductors 9535 Datasheet HTML 5Page - NXP Semiconductors 9535 Datasheet HTML 6Page - NXP Semiconductors 9535 Datasheet HTML 7Page - NXP Semiconductors 9535 Datasheet HTML 8Page - NXP Semiconductors 9535 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Philips Semiconductors
Product data
PCA9535
16-bit I2C and SMBus, low power I/O port with interrupt
2
2003 Jun 27
FEATURES
Operating power supply voltage range of 2.3 V-5.5 V
5 V tolerant I/Os
Polarity inversion register
Active LOW interrupt output
Low stand-by current
Noise filter on SCL/SDA inputs
No glitch on power-up
Internal power-on reset
16 I/O pins which default to 16 inputs
0 to 400 kHz clock frequency
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V
MM per JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
Offered in three different packages: SO24, TSSOP24, and
HVQFN24
DESCRIPTION
The PCA9535 is a 24-pin CMOS device that provide 16 bits of
General Purpose parallel Input/Output (GPIO) expansion for
I2C/SMBus applications and was developed to enhance the Philips
family of I2C I/O expanders. The improvements include higher drive
capability, 5 V I/O tolerance, lower supply current, individual I/O
configuration, and smaller packaging. I/O expanders provide a
simple solution when additional I/O is needed for ACPI power
switches, sensors, pushbuttons, LEDs, fans, etc.
The PCA9535 consist of two 8-bit Configuration (Input or Output
selection); Input, Output and Polarity inversion (Active HIGH or
Active LOW operation) registers. The system master can enable the
I/Os as either inputs or outputs by writing to the I/O configuration
bits. The data for each Input or Output is kept in the corresponding
Input or Output register. The polarity of the read register can be
inverted with the Polarity Inversion Register. All registers can be
read by the system master. Although pin-to-pin and I2C address
compatible with the PCF8575, software changes are required due to
the enhancements and are discussed in Application Note AN469.
The PCA9535 is identical to the PCA9555 except for the removal of
the internal I/O pull-up resistor which greatly reduces power
consumption when the I/Os are held LOW.
The PCA9535 open-drain interrupt output is activated when any
input state differs from its corresponding input port register state and
is used to indicate to the system master that an input state has
changed. The power-on reset sets the registers to their default
values and initializes the device state machine.
Three hardware pins (A0, A1, A2) vary the fixed I2C address and
allow up to eight devices to share the same I2C/SMBus. The fixed
I2C address of the PCA9535 is the same as the PCA9554 allowing
up to eight of these devices in any combination to share the same
I2C/SMBus.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
24-Pin Plastic SO
-40 to +85
°C
PCA9535D
PCA9535D
SOT137-1
24-Pin Plastic TSSOP
-40 to +85
°C
PCA9535PW
PCA9535PW
SOT355-1
24-Pin Plastic HVQFN
-40 to +85
°C
PCA9535BS
9535
SOT616-1
Standard packing quantities and other packing data are available at www.philipslogic.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.
SMBus as specified by the Smart Battery System Implementers Forum is a derivative of the Philips I2C patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com