Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9535 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 9535
Description  16-bit I2C and SMBus, low power I/O port with interrupt
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9535 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 9535 Datasheet HTML 7Page - NXP Semiconductors 9535 Datasheet HTML 8Page - NXP Semiconductors 9535 Datasheet HTML 9Page - NXP Semiconductors 9535 Datasheet HTML 10Page - NXP Semiconductors 9535 Datasheet HTML 11Page - NXP Semiconductors 9535 Datasheet HTML 12Page - NXP Semiconductors 9535 Datasheet HTML 13Page - NXP Semiconductors 9535 Datasheet HTML 14Page - NXP Semiconductors 9535 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Philips Semiconductors
Product data
PCA9535
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
11
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
-0.5
6.0
V
VI/O
DC input current on an I/O
VSS - 0.5
6
V
II/O
DC output current on an I/O
—
± 50
mA
II
DC input current
—
± 20
mA
IDD
Supply current
—
160
mA
ISS
Supply current
—
200
mA
Ptot
Total power dissipation
—
200
mW
Tstg
Storage temperature range
-65
+150
°C
Tamb
Operating ambient temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com