Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9535 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 9535
Description  16-bit I2C and SMBus, low power I/O port with interrupt
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9535 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 9535 Datasheet HTML 6Page - NXP Semiconductors 9535 Datasheet HTML 7Page - NXP Semiconductors 9535 Datasheet HTML 8Page - NXP Semiconductors 9535 Datasheet HTML 9Page - NXP Semiconductors 9535 Datasheet HTML 10Page - NXP Semiconductors 9535 Datasheet HTML 11Page - NXP Semiconductors 9535 Datasheet HTML 12Page - NXP Semiconductors 9535 Datasheet HTML 13Page - NXP Semiconductors 9535 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Philips Semiconductors
Product data
PCA9535
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
10
TYPICAL APPLICATION
SW02094
I/O0.0
I/O0.1
I/O0.2
I/O0.3
I/O0.4
I/O0.5
VDD
VDD
SCL
SDA
INT
RESET
MASTER
CONTROLLER
GND
SCL
SDA
PCA9535
A2
A1
A0
VSS
VDD
SUBSYSTEM 3
(e.g. alarm system)
SUBSYSTEM 2
(e.g. counter)
SUBSYSTEM 1
(e.g. temp sensor)
INT
VDD
ALARM
Controlled Switch
(e.g. CBT device)
ENABLE
1.6 k
Ω
1.6 k
Ω
1.1 k
Ω
2 k
Ω
NOTE: Device address configured as 0100100 for this example
I/O0.0, I/O0.1, I/O0.2, configured as outputs
I/O0.3, I/O0.4, I/O0.5, configured as inputs
I/O0.6, I/O0.7, and I/O1.0 to I/O1.7 configured as inputs
A
B
2 k
Ω
INT
I/O0.6
I/O0.7
I/O1.0
I/O1.1
I/O1.2
I/O1.3
I/O1.4
I/O1.5
I/O1.6
I/O1.7
10 DIGIT
NUMERIC
KEYPAD
Figure 11. Typical application
Minimizing IDD when the I/O is used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a resistor as shown in Figure 11. Since the LED acts as a
diode, when the LED is off the I/O VIN is about 1.2 V less than VDD. The supply current, IDD, increases as VIN becomes lower than VDD and is
specified as
∆IDD in the DC characteristics table.
Designs needing to minimize current consumption, such as battery power applications, should consider maintaining the I/O pins greater than or
equal to VDD when the LED is off. Figure 12 shows a high value resistor in parallel with the LED. Figure 13 shows VDD less than the LED supply
voltage by at least 1.2 V. Both of these methods maintain the I/O VIN at or above VDD and prevents additional supply current consumption when
the LED is off.
VDD
VDD
LEDx
LED
100 k
SW02086
Figure 12. High value resistor in parallel with the LED
VDD
3.3 V
LEDx
LED
SW02087
5 V
Figure 13. Device supplied by a lower voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com