Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7594 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7594
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7594 Datasheet HTML 1Page - IXYS Corporation CPC7594 Datasheet HTML 2Page - IXYS Corporation CPC7594 Datasheet HTML 3Page - IXYS Corporation CPC7594 Datasheet HTML 4Page - IXYS Corporation CPC7594 Datasheet HTML 5Page - IXYS Corporation CPC7594 Datasheet HTML 6Page - IXYS Corporation CPC7594 Datasheet HTML 7Page - IXYS Corporation CPC7594 Datasheet HTML 8Page - IXYS Corporation CPC7594 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7594
R04
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pinout
CPC7594
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
F
GND
T
TEST
T
BAT
T
LINE
T
RINGING
V
DD
T
SD
D
GND
R
TEST
V
BAT
R
BAT
R
LINE
R
RINGING
LATCH
IN
RINGING
IN
TEST
Pin
Name
Description
1
TTEST
Tip lead of the test bus
2
FGND
Fault ground
3
TBAT
Tip lead to the SLIC
4
TLINE
Tip lead of the line side
5
TRINGING Ringing generator return
6
VDD
+5 V supply
7
TSD
Temperature shutdown pin
8
DGND
Digital ground
9
INTEST
Logic control input
10
INRINGING Logic control input
11
LATCH
Data latch enable control input
12
RRINGING Ringing generator source
13
RLINE
Ring lead of the line side
14
RBAT
Ring lead to the SLIC
15
VBAT
Battery supply
16
RTEST
Ring lead of the test bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com