Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7594 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC7594
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC7594 Datasheet HTML 2Page - IXYS Corporation CPC7594 Datasheet HTML 3Page - IXYS Corporation CPC7594 Datasheet HTML 4Page - IXYS Corporation CPC7594 Datasheet HTML 5Page - IXYS Corporation CPC7594 Datasheet HTML 6Page - IXYS Corporation CPC7594 Datasheet HTML 7Page - IXYS Corporation CPC7594 Datasheet HTML 8Page - IXYS Corporation CPC7594 Datasheet HTML 9Page - IXYS Corporation CPC7594 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R04
CPC7594
1.6.2 Ringing Return Switch, SW3
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW3 (differential) = TLINE to TRINGING
All-Off state.
+25
 C,
VSW (differential) = -320 V to gnd
VSW (differential) = +260 V to -60 V
ISW
-
0.1
1
A
+85
 C,
VSW (differential) = -330 V to gnd
VSW (differential) = +270 V to -60 V
0.3
-40
 C,
VSW (differential) = -310 V to gnd
VSW (differential) = +250 V to -60 V
0.1
On Resistance
ISW(on) = ±0 mA, ±10 mA, +25 C
RON
-
51
-
ISW(on) = ±0 mA, ±10 mA, +85 C
75
100
ISW(on) = ±0 mA, ±10 mA, -40 C
39
-
DC current limit
VSW (on) = ± 10 V, +25 C
ISW
-
135
-mA
VSW (on) = ± 10 V, +85 C
70
85
VSW (on) = ± 10 V, -40 C
-
210
Dynamic current limit
(t
 0.5 s)
Ringing switches on, all other switches
off. Apply ±1 kV 10x1000
s pulse with
appropriate protection in place.
ISW
-2.5
-
A
Logic input to switch
output isolation
+25
 C, Logic inputs = gnd,
VSW (TRINGING, TLINE) = ±320 V
ISW
-
0.1
1
A
+85
 C, Logic inputs = gnd,
VSW (TRINGING, TLINE) = ±330 V
0.3
-40
 C, Logic inputs = gnd,
VSW (TRINGING, TLINE) = ±310 V
0.1
dV/dt sensitivity
-
-
-
500
-
V/
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com