Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7594 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC7594
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC7594 Datasheet HTML 1Page - IXYS Corporation CPC7594 Datasheet HTML 2Page - IXYS Corporation CPC7594 Datasheet HTML 3Page - IXYS Corporation CPC7594 Datasheet HTML 4Page - IXYS Corporation CPC7594 Datasheet HTML 5Page - IXYS Corporation CPC7594 Datasheet HTML 6Page - IXYS Corporation CPC7594 Datasheet HTML 7Page - IXYS Corporation CPC7594 Datasheet HTML 8Page - IXYS Corporation CPC7594 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7594
R04
www.ixysic.com
5
1.6 Switch Specifications
1.6.1 Break Switches, SW1 and SW2
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW1 (differential) = TLINE to TBAT
VSW2 (differential) = RLINE to RBAT
All-Off state.
+25
 C,
VSW (differential) = -320 V to gnd
VSW (differential) = +260 V to -60 V
ISW
-
0.1
1
A
+85
 C,
VSW (differential) = -330 V to gnd
VSW (differential) = +270 V to -60 V
0.3
-40
 C,
VSW (differential) = -310 V to gnd
VSW (differential) = +250 V to -60 V
0.1
On Resistance
ISW(on) = ±10 mA, ±40 mA,
RBAT and TBAT = -2 V
+25
 C
RON
-
14.7
-
+85
 C21.1
28
-40
 C10.7
-
On Resistance
Matching
Per SW1 & SW2 On Resistance test
conditions.
R
ON
-
0.15
0.8
DC current limit
VSW (on) = ±10 V, +25 C
ISW
-
300
-
mA
VSW (on) = ±10 V, +85 C
80
160
VSW (on) = ±10 V, -40 C
-
400
425
Dynamic current limit
(t
 0.5 s)
Break switches on, all other switches
off. Apply ±1 kV 10x1000
s pulse with
appropriate protection in place.
ISW
-2.5
-
A
Logic input to switch
output isolation
+25
 C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±320 V
ISW
-0.1
1
A
+85
 C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±330 V
-0.3
-40
 C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±310 V
-0.1
dV/dt sensitivity
-
-
-
500
-
V/
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com