Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7594 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7594
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7594 Datasheet HTML 1Page - IXYS Corporation CPC7594 Datasheet HTML 2Page - IXYS Corporation CPC7594 Datasheet HTML 3Page - IXYS Corporation CPC7594 Datasheet HTML 4Page - IXYS Corporation CPC7594 Datasheet HTML 5Page - IXYS Corporation CPC7594 Datasheet HTML 6Page - IXYS Corporation CPC7594 Datasheet HTML 7Page - IXYS Corporation CPC7594 Datasheet HTML 8Page - IXYS Corporation CPC7594 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
e3
Pb
DS-CPC7594-R04
www.ixysic.com
1
Features
• TTL Logic Level Inputs for 3.3V Logic Interfaces
• Smart Logic for Power Up / Hot Plug State Control
• Monolithic IC Reliability
• Low Matched R
ON
• Eliminates the Need for Zero-Cross Switching
• Flexible Switch Timing to Transition from Ringing
Mode to Talk Mode.
• Clean, Bounce-Free Switching
• Tertiary Protection Consisting of Integrated Current
Limiting, Voltage Clamping, and Thermal Shutdown
for SLIC Protection
• 5V Operation with Power Consumption < 10 mW
• Intelligent Battery Monitor
• Latched Logic-Level Inputs, no External Drive
Circuitry Required
• Small 16-pin SOIC Package
Applications
• VoIP Gateways
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7594 is a member of IXYS Integrated
Circuits Division’s next generation Line Card Access
Switch family. This monolithic 6-pole solid-state switch
is available in a 16-pin SOIC package. It provides the
necessary functions to replace two 2-Form-C
electro-mechanical relays used on traditional analog
and contemporary integrated voice and data (IVD) line
cards found in Central Office, Access, and PBX
equipment. Because this device contains solid state
switches for tip and ring line break, ringing
injection/return, and channel test access, it requires
only a +5V supply for operation, and TTL logic-level
inputs for control.
The CPC7594 is particularly designed for IVD line
cards where an EMR is required for line test due to the
high frequencies typical of ADSL, but solid-state
switches are desired for switching and test-in
functions.
Ordering Information
Figure 1. CPC7594 Block Diagram
Part #
Description
CPC7594BA
16-Pin SOIC, with Protection SCR, 50/Tube
CPC7594BATR
16-Pin SOIC, with Protection SCR, 1000/Reel
CPC7594
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TEST
IN
RINGING
T
SD
LATCH
4
13
3
6
7
8
15
2
14
9
10
11
L
A
T
C
H
Switch
Control
Logic
+5V
DC
SLIC
1
XSW5
T(T
)
TEST
CHANTEST
6
XSW6
R(R
)
TEST
CHANTEST
5
X
T
RINGING
SW3
X
X
SW2
SW1
Secondary
Protection
Tip
Ring
12
XSW4
300
(min.)
Ω
RINGING
V
BAT
R
RINGING
SCR Trip Circuit
CPC7594
Line Card Access Switch


Similar Part No. - CPC7594

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7594 CLARE-CPC7594 Datasheet
602Kb / 20P
Line Card Access Switch
CPC7594BATR CLARE-CPC7594BATR Datasheet
602Kb / 20P
Line Card Access Switch
CPC7594BBTR CLARE-CPC7594BBTR Datasheet
602Kb / 20P
Line Card Access Switch
CPC7594BCTR CLARE-CPC7594BCTR Datasheet
602Kb / 20P
Line Card Access Switch
CPC7594MATR CLARE-CPC7594MATR Datasheet
602Kb / 20P
Line Card Access Switch
More results

Similar Description - CPC7594

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-711S4 EPSONTOYOCOM-TCO-711S4 Datasheet
426Kb / 1P
TTL logic output
TCO-711STH EPSONTOYOCOM-TCO-711STH Datasheet
429Kb / 1P
TTL logic output
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_07 Datasheet
77Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter TTL?묬ompatible Inputs
February, 2007 ??Rev. 13
logo
Silikron Semiconductor ...
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
Direct Logic-Level Interface: TTL/CMOS
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
Direct Logic-Level Interface: TTL/CMOS
logo
Silicon Supplies
7406 SS-7406 Datasheet
295Kb / 4P
Bipolar TTL Logic
5407 SS-5407 Datasheet
440Kb / 4P
Bipolar TTL Logic
7406 SS-7406_V01 Datasheet
434Kb / 4P
Bipolar TTL Logic
7407 SS-7407 Datasheet
439Kb / 4P
Bipolar TTL Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com