Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8922TH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8922TH
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922TH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8922TH Datasheet HTML 6Page - NXP Semiconductors TDA8922TH Datasheet HTML 7Page - NXP Semiconductors TDA8922TH Datasheet HTML 8Page - NXP Semiconductors TDA8922TH Datasheet HTML 9Page - NXP Semiconductors TDA8922TH Datasheet HTML 10Page - NXP Semiconductors TDA8922TH Datasheet HTML 11Page - NXP Semiconductors TDA8922TH Datasheet HTML 12Page - NXP Semiconductors TDA8922TH Datasheet HTML 13Page - NXP Semiconductors TDA8922TH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
2003 Mar 20
10
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
8.3.4
SUPPLY VOLTAGE ALARM
If the supply voltage drops below
±12.5 V, the
undervoltage protection circuit is activated and the system
will shut down correctly. If the internal clock is used, this
switch-off will be silent and without plop noise. When the
supply voltage rises above the threshold level, the system
is restarted again after 100 ms. If the supply voltage
exceeds
±32 V the overvoltage protection circuit is
activated and the power stages will shut down. They are
re-enabled as soon as the supply voltage drops below the
threshold level.
An additional balance protection circuit compares the
positive (VDD) and the negative (VSS) supply voltages and
is triggered if the voltage difference between them
exceeds a certain level. This level depends on the sum of
both supply voltages. An expression for the unbalanced
threshold level is as follows: Vth(unb) ≈ 0.15 × (VDD +VSS).
Example: With a symmetrical supply of
±30 V, the
protection circuit will be triggered if the unbalance exceeds
approximately 9 V; see Section 16.7.
8.4
Differential audio inputs
For a high common mode rejection ratio and a maximum
of flexibility in the application, the audio inputs are fully
differential. By connecting the inputs anti-parallel the
phase of one of the channels can be inverted, so that a
load can be connected between the two output filters.
In this case the system operates as a mono BTL amplifier
and with the same loudspeaker impedance an
approximately four times higher output power can be
obtained.
The input configuration for a mono BTL application is
illustrated in Fig.6; for more information see Chapter 16.
In the stereo single-ended configuration it is also
recommended to connect the two differential inputs in
anti-phase. This has advantages for the current handling
of the power supply at low signal frequencies.
handbook, full pagewidth
Vin
IN1
+
OUT1
power stage
MBL466
OUT2
SGND
IN1
−
IN2
+
IN2
−
Fig.6 Input configuration for mono BTL application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com