Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8922TH Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA8922TH
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922TH Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA8922TH Datasheet HTML 24Page - NXP Semiconductors TDA8922TH Datasheet HTML 25Page - NXP Semiconductors TDA8922TH Datasheet HTML 26Page - NXP Semiconductors TDA8922TH Datasheet HTML 27Page - NXP Semiconductors TDA8922TH Datasheet HTML 28Page - NXP Semiconductors TDA8922TH Datasheet HTML 29Page - NXP Semiconductors TDA8922TH Datasheet HTML 30Page - NXP Semiconductors TDA8922TH Datasheet HTML 31Page - NXP Semiconductors TDA8922TH Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
2003 Mar 20
28
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
handbook, halfpage
Vres(rms)
(mV)
100
400
200
500
600
fclk (kHz)
300
0
1000
600
800
200
400
MGX345
Fig.34 PWM residual voltage as a function of clock
frequency.
VP = ±20 V; RL =8 Ω.
handbook, halfpage
Po
(W)
100
400
200
500
600
fclk (kHz)
300
0
50
30
40
10
20
MGX343
Fig.35 Output power as a function of clock
frequency.
VP = ±20 V; RL =8 Ω; fi = 1 kHz; THD+N= 10%.
handbook, halfpage
MGX348
Vo
(V)
10−4
10−1
10−5
10−6
10−3
10−2
1
10
VMODE (V)
6
5
4
3
2
1
0
Fig.36 Output voltage as a function of mode
selection voltage.
Vi = 100 mV; fi = 1 kHz.
handbook, halfpage
MGX349
S/N
(dB)
40
80
20
0
60
100
120
Po (W)
10−2
10−1
110
103
102
(1)
(2)
Fig.36 Signal-to-noise ratio as a function of output
power.
VP = ±20 V; Rs = 5.6 kΩ.; filter: 20 kHz AES17
(1) 2
× 8 Ω SE.
(2) 1
× 8 Ω BTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com