Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8922TH Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA8922TH
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922TH Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA8922TH Datasheet HTML 28Page - NXP Semiconductors TDA8922TH Datasheet HTML 29Page - NXP Semiconductors TDA8922TH Datasheet HTML 30Page - NXP Semiconductors TDA8922TH Datasheet HTML 31Page - NXP Semiconductors TDA8922TH Datasheet HTML 32Page - NXP Semiconductors TDA8922TH Datasheet HTML 33Page - NXP Semiconductors TDA8922TH Datasheet HTML 34Page - NXP Semiconductors TDA8922TH Datasheet HTML 35Page - NXP Semiconductors TDA8922TH Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
2003 Mar 20
32
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
UNIT A2
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.6
4.3
A4
1.15
0.85
A5
1.65
1.35
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT411-1
98-02-20
02-04-24
0
5
10 mm
scale
D
L
L1
L2
E2
E
c
A4
A5
A2
m
L3
E1
Q
w M
b p
1
d
Z
e
2
e
e
123
j
DBS23P: plastic DIL-bent-SIL power package; 23 leads (straight lead length 3.2 mm)
SOT411-1
v M
D
x
h
Eh
non-concave
view B: mounting base side
B
β
e 1
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
0.75
0.60
0.55
0.35
30.4
29.9
28.0
27.5
12
2.54
12.2
11.8
10.15
9.85
1.27
e 2
5.08
2.4
1.6
Eh
6
E 1
14
13
L 1
10.7
9.9
L 2
6.2
5.8
E 2
1.43
0.78
2.1
1.8
1.85
1.65
4.3
3.6
2.8
Q
j
0.25
w
0.6
v
0.03
x
45
°
β



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com