Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8922TH Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA8922TH
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922TH Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA8922TH Datasheet HTML 26Page - NXP Semiconductors TDA8922TH Datasheet HTML 27Page - NXP Semiconductors TDA8922TH Datasheet HTML 28Page - NXP Semiconductors TDA8922TH Datasheet HTML 29Page - NXP Semiconductors TDA8922TH Datasheet HTML 30Page - NXP Semiconductors TDA8922TH Datasheet HTML 31Page - NXP Semiconductors TDA8922TH Datasheet HTML 32Page - NXP Semiconductors TDA8922TH Datasheet HTML 33Page - NXP Semiconductors TDA8922TH Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
OUT1
VSSP1
VDDP2
DRIVER
HIGH
MGU999
OUT2
BOOT2
TDA8922J
BOOT1
DRIVER
LOW
RELEASE1
SWITCH1
ENABLE1
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
RFB
RFB
MANAGER
OSCILLATOR
TEMPERATURE SENSOR
CURRENT PROTECTION
STABI
MODE
ROSC
VSSA
Vmode
COSC
INPUT
STAGE
mute
3
2
IN1
−
IN1
+
15
14
13
11
10
9
VSSP2
VSSP1
DRIVER
HIGH
DRIVER
LOW
RELEASE2
SWITCH2
ENABLE2
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
5
SGND1
1
OSC
19
SGND2
SGND
SGND
23
MODE
INPUT
STAGE
mute
22
21
IN2
−
IN2
+
Vin2
Vin1
17
VSSD
VSSA
VSSP
0 V
VSSA
−25 V
VDDP
VDDA
+25 V
18
VSSA2
VSSA
6
VSSA1
20
VDDA2
VDDA
4
VDDA1
16
7
12
8
VDDP2
PROT
STABI
VDDP1
SGND
Fig.38 Typical SE application schematic of TDA8922J.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com