Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8029C2 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 38Page - NXP Semiconductors TDA8029C2 Datasheet HTML 39Page - NXP Semiconductors TDA8029C2 Datasheet HTML 40Page - NXP Semiconductors TDA8029C2 Datasheet HTML 41Page - NXP Semiconductors TDA8029C2 Datasheet HTML 42Page - NXP Semiconductors TDA8029C2 Datasheet HTML 43Page - NXP Semiconductors TDA8029C2 Datasheet HTML 44Page - NXP Semiconductors TDA8029C2 Datasheet HTML 45Page - NXP Semiconductors TDA8029C2 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
8.10.4
REGISTER SUMMARY
Table 68 Register summary
Note
1. X = undefined, u = no change.
NAME
ADDR
(HEX)
R/W
7
6
5
4
3
2
1
0
VALUE AT
RESET(1)
VALUE
WHEN
RIU = 0(1)
CSR
00
R/W
−−
−
−
RIU
−−
−
XXXX 0XXX
XXXX 0XXX
CCR
01
R/W
−−
SHL
CST
SC
AC2
AC1
AC0
XX00 0000
XXuu uuuu
PDR
02
R/W
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
0000 0000
uuuu uuuu
UCR2
03
R/W
ENINT1
DISTBE/RBF
−
ENRX
SAN
AUTOC
CKU
PSC
00X0 0000
uuuu uuuu
GTR
05
R/W
GT7
GT6
GT5
GT4
GT3
GT2
GT1
GT0
0000 0000
uuuu uuuu
UCR1
06
R/W
−
FIP
FC
PROT
T/R
LCT
SS
CONV
X000 0000
Xuuu 00uu
PCR
07
R/W
−−
−
−
1V8
RSTIN
3V/5V
START
XXXX 0000
XXXX uuuu
TOC
08
R/W
TOC7
TOC6
TOC5
TOC4
TOC3
TOC2
TOC1
TOC0
0000 0000
0000 0000
TOR1
09
W
TOL7
TOL6
TOL5
TOL4
TOL3
TOL2
TOL1
TOL0
0000 0000
uuuu uuuu
TOR2
0A
W
TOL15
TOL14
TOL13
TOL12
TOL11
TOL10
TOL9
TOL8
0000 0000
uuuu uuuu
TOR3
0B
W
TOL23
TOL22
TOL21
TOL20
TOL19
TOL18
TOL17
TOL16
0000 0000
uuuu uuuu
FCR
0C
W
−
PEC2
PEC1
PEC0
−
FL2
FL1
FL0
X000 X000
Xuuu Xuuu
MSR
0C
R
CLKSW
FE
BGT
−−
PR1
−
TBE/RBF
010X XXX0
u10X XuX0
URR
0D
R
UR7
UR6
UR5
UR4
UR3
UR2
UR1
UR0
0000 0000
0000 0000
UTR
0D
W
UT7
UT6
UT5
UT4
UT3
UT2
UT1
UT0
0000 0000
0000 0000
USR
0E
R
TO3
TO2
TO1
EA
PE
OVR
FER
TBE/RBF
0X00 0000
0000 0000
HSR
0F
R
SDWN
−
PRTL1
SUPL
−
PRL1
−
PTL
XX01 X0X0
uXuu XuXu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com