Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8029C2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 2Page - NXP Semiconductors TDA8029C2 Datasheet HTML 3Page - NXP Semiconductors TDA8029C2 Datasheet HTML 4Page - NXP Semiconductors TDA8029C2 Datasheet HTML 5Page - NXP Semiconductors TDA8029C2 Datasheet HTML 6Page - NXP Semiconductors TDA8029C2 Datasheet HTML 7Page - NXP Semiconductors TDA8029C2 Datasheet HTML 8Page - NXP Semiconductors TDA8029C2 Datasheet HTML 9Page - NXP Semiconductors TDA8029C2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
2003 Oct 30
6
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
7
PINNING
SYMBOL
PIN
DESCRIPTION
P17
1
general purpose I/O
P16
2
general purpose I/O; card clock generation up to 20 MHz with three times synchronous
frequency doubling (fXTAL, 1/2fXTAL, 1/4fXTAL and 1/8fXTAL)
VDD
3
supply voltage
GND
4
ground connection
SDWN_N
5
shut-down signal input; active LOW
CDEL
6
connection for an external capacitor determining the Power-on reset pulse width
(typically 1 ms per 2 nF)
I/O
7
data input/output to/from the card (C7); 14 k
Ω integrated pull-up resistor to V
CC
PRES
8
card presence detection contact (active HIGH); do not connect to any external pull-up
or pull-down resistor; use with a normally open presence switch
GNDC
9
card ground (C5); connect to GND in the application
CLK
10
clock to the card (C3)
VCC
11
card supply voltage (C1)
RST
12
card reset (C2)
VUP
13
output of the DC/DC converter (low ESR 220 nF to PGND)
SAP
14
DC/DC converter capacitor connection (low ESR 220 nF between SAP and SAM)
SBP
15
DC/DC converter capacitor connection (low ESR 220 nF between SBP and SBM)
DCIN
16
power input for the DC/DC converter
SBM
17
DC/DC converter capacitor connection (low ESR 220 nF between SBP and SBM)
PGND
18
ground for the DC/DC converter
SAM
19
DC/DC converter capacitor connection (low ESR 220 nF between SAP and SAM)
TEST
20
used for test purpose; connect to GND in the application
EA_N
21
control signal for microcontroller; connect to VDD in the application
ALE
22
control signal for the microcontroller; leave open in the application
PSEN_N
23
control signal for the microcontroller; leave open in the application
P27
24
general purpose I/O
P26
25
general purpose I/O
XTAL1
26
external crystal connection or input for an external clock signal
XTAL2
27
external crystal connection; leave open if an external clock is applied to XTAL1
RESET
28
reset input from the host (active HIGH); integrated pull-down resistor to GND
P32/INT0_N
29
interrupt signal from the smart card interface; leave open in the application
P33/INT1_N
30
external interrupt input or general purpose I/O; may be left open if not used
P31/TX
31
transmission line for serial communication with the host
P30/RX
32
reception line for serial communication with the host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com