Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8029C2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8029C2 Datasheet HTML 1Page - NXP Semiconductors TDA8029C2 Datasheet HTML 2Page - NXP Semiconductors TDA8029C2 Datasheet HTML 3Page - NXP Semiconductors TDA8029C2 Datasheet HTML 4Page - NXP Semiconductors TDA8029C2 Datasheet HTML 5Page - NXP Semiconductors TDA8029C2 Datasheet HTML 6Page - NXP Semiconductors TDA8029C2 Datasheet HTML 7Page - NXP Semiconductors TDA8029C2 Datasheet HTML 8Page - NXP Semiconductors TDA8029C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
2003 Oct 30
3
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
1
FEATURES
• 80C51 core with 16 kbytes ROM, 256 bytes RAM and
512 bytes XRAM
• Specific ISO7816 UART, accessible with MOVX
instructions for automatic convention processing,
variable baud rate, error management at character level
for T = 0 and T = 1 protocols, extra guard time, etc.
• Specific versatile 24-bit Elementary Time Unit (ETU)
counter for timing processing during Answer To Reset
(ATR) and for T = 1 protocol
• VCC generation (5 V ± 5 % or 3 V ± 5 % or 1.8 V),
maximum current 65 mA with controlled rise and fall
times
• Card clock generation up to 20 MHz with three times
synchronous frequency doubling (fXTAL, 1/2fXTAL, 1/4fXTAL
and 1/8fXTAL)
• Card clock stop HIGH or LOW or 1.25 MHz from an
integrated oscillator for card power reduction modes
• Automatic activation and deactivation sequences
through an independant sequencer
• Supports asynchronous protocols T = 0 and T = 1 in
accordance with:
– ISO 7816 and EMV 3.1.1 (TDA8029HL/C1 and
TDA8029HL/C2)
– ISO 7816 and EMV 2000 (TDA8029HL/C2).
• 1 to 8 characters FIFO in reception mode
• Parity error counter in reception mode and in
transmission mode with automatic retransmission
• Versatile 24-bit time-out counter for ATR and waiting
times processing
• Specific ETU counter for Block Guard Time (BGT)
(22 ETU in T = 1 and 16 ETU in T = 0)
• Minimum delay between two characters in reception
mode:
– In protocol T = 0:
12 ETU (TDA8029HL/C1)
11.8 ETU (TDA8029HL/C2).
– In protocol T = 1:
11 ETU (TDA8029HL/C1)
10.8 ETU (TDA8029HL/C2).
• Supports synchronous cards which do not use C4/C8
• Current limitations on card contacts
• Supply supervisor for power-on/off reset and spikes
killing
• DC/DC converter (supply voltage from 2.7 to 6 V),
doubler, tripler or follower according to VCC and VDD
• Shut-down input for very low power consumption
• Enhanced ESD protection on card contacts (6 kV
minimum)
• Software library for easy integration
• Communication with the host through a standard full
duplex serial link at programmable baud rates
• One external interrupt input and four general purpose
I/Os.
2
GENERAL DESCRIPTION
The TDA8029 is a complete one chip, low cost, low power,
robust smart card reader. Its different power reduction
modes and its wide supply voltage range allow its use in
portable equipment. Due to specific versatile hardware, a
small embedded software program allows the control of
most cards available in the market. The control from the
host may be done through a standard serial interface.
The TDA8029 may be delivered with standard embedded
software, or be masked with specific customer code. For
details on software development and on available tools,
please refer to application notes
“AN01009” and
“AN10134” for the TDA8029HL/C1. For standard
embedded software, please refer to application note
“AN10206” for the TDA8029HL/C2.
3
APPLICATIONS
• Portable card readers
• General purpose card readers
• EMV compliant card readers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com