Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8029C2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 9Page - NXP Semiconductors TDA8029C2 Datasheet HTML 10Page - NXP Semiconductors TDA8029C2 Datasheet HTML 11Page - NXP Semiconductors TDA8029C2 Datasheet HTML 12Page - NXP Semiconductors TDA8029C2 Datasheet HTML 13Page - NXP Semiconductors TDA8029C2 Datasheet HTML 14Page - NXP Semiconductors TDA8029C2 Datasheet HTML 15Page - NXP Semiconductors TDA8029C2 Datasheet HTML 16Page - NXP Semiconductors TDA8029C2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
2003 Oct 30
13
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.2
Timer 2 operation
Timer 2 is a 16-bit timer and counter which can operate as either an event timer or an event counter, as selected by bit
C/T2 in the special function register T2CON. Timer 2 has three operating modes: capture, auto-reload (up-or down
counting), and baud rate generator, which are selected by bits in register T2CON.
8.2.1
TIMER/COUNTER 2CONTROL REGISTER (T2CON)
Table 4
Timer/counter 2 control register bits
Table 5
Description of register bits
Table 6
Timer 2 operating modes
BIT
7
6
543210
Symbol
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
BIT
SYMBOL
DESCRIPTION
7
TF2
Timer 2 overflow flag. Set by a timer 2 overflow and must be cleared by software. TF2
will not be set when either RCLK = 1 or TCLK = 1.
6
EXF2
Timer 2 external flag. Set when either a capture or reload is caused by a negative
transition on controller input T2EX and EXEN2 = 1. When timer 2 interrupt is enabled,
EXF2 = 1 will cause the CPU to vector to the timer 2 interrupt routine. EXF2 must be
cleared by software. EXF2 does not cause an interrupt in up- or down-counter mode
(DCEN = 1).
5
RCLK
Receive clock flag. When set, causes the serial port to use timer 2 overflow pulses for
its receive clock in modes 1 and 3. When reset, causes timer 1 overflow to be used for
the receive clock.
4
TCLK
Transmit clock flag. When set, causes the serial port to use timer 2 overflow pulses for
its transmit clock in modes 1 and 3. When reset, causes timer 1 overflows to be used for
the transmit clock.
3
EXEN2
Timer 2 external enable flag. When set, allows a capture or reload to occur as a result
of a negative transition on T2EX if timer 2 is not being used to clock the serial port. When
reset, causes timer 2 to ignore events at T2EX.
2
TR2
Start/stop control for timer 2. TR2 = 1 starts the timer.
1C/T2
Counter or Timer select timer 2. If C/T2 = 0 the internal timer at 1/12fXTAL1 is selected;
C/T2 = 1 selects the external event counter (falling edge triggered).
0
CP/RL2
Capture or reload flag. When set, captures will occur on negative transitions at T2EX if
EXEN2 = 1. When reset, auto-reloads will occur either with timer 2 overflows or negative
transitions at T2EX when EXEN2 = 1. When either RCLK = 1 or TCLK = 1, this bit is
ignored and the timer is forced to auto-reload on timer 2 overflow.
MODE
RCLK AND TCLK
CP/RL2
TR2
16-bit auto-reload
0
0
1
Baud rate generator
1
X
1
Off
X
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com