Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0890 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0890
Description  Dual 8-bit mP-Compatible Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0890 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DAC0890 Datasheet HTML 3Page - National Semiconductor (TI) DAC0890 Datasheet HTML 4Page - National Semiconductor (TI) DAC0890 Datasheet HTML 5Page - National Semiconductor (TI) DAC0890 Datasheet HTML 6Page - National Semiconductor (TI) DAC0890 Datasheet HTML 7Page - National Semiconductor (TI) DAC0890 Datasheet HTML 8Page - National Semiconductor (TI) DAC0890 Datasheet HTML 9Page - National Semiconductor (TI) DAC0890 Datasheet HTML 10Page - National Semiconductor (TI) DAC0890 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Connection Diagram
Dual-In-Line Package
TLH10592 – 2
Pin Description
DB0 – DB7 (1 – 8) These pins are data inputs for each of the
internal 8-bit DACs DB0 is the least-sig-
nificant-bit
WR (9)
This is the WRITE command input pin
This input is used in conjunction with CS1
and CS2 to write data into either of the
internal DACs The data is latched into a
selected DAC with the rising edge of ei-
ther WR or CS1 for DAC1 or CS2 for
DAC2 whichever occurs first
CS1 (10)
This is the input pin used to select DAC1
This input is used in conjunction with the
WR input to write data into either of the
internal DACs The data is latched into
DAC1 with the rising edge of either CS1 or
WR whichever occurs first
CS2 (11)
This is the input pin used to select DAC2
This input is used in conjunction with the
WR input to write data into either of the
internal DACs The data is latched into
DAC2 with the rising edge of either CS2 or
WR whichever occurs first
DGND (12)
The system digital ground is connected to
this pin For proper operation this and
AGND must be connected together
SENSE 2 (13)
DAC2’s output sense connection When
this pin is connected to the VOUT2’s load
impedance the feedback loop will com-
pensate for any voltage drops between
the VOUT2 pin and the load
VOUT2 (14)
DAC2’s voltage output connection It pro-
vides two full-scale output voltage ranges
255V and 102V
SELECT 2 (15)
The two output voltage ranges available
from DAC2 are selected by connecting
this pin to SENSE2 for the 255V full-scale
range and leaving it unconnected for the
102V full-scale range
AGND (16)
The system digital ground is connected to
this pin For proper operation this and
DGND must be connected together
SELECT 1 (17)
The two output voltage ranges available
from DAC1 are selected by connecting
this pin to SENSE1 for he 255V full-scale
range and leaving it unconnected for the
102V full-scale range
VOUT1 (18)
DAC1’s voltage output connection It pro-
vides two full-scale output voltage ranges
255V and 102V
SENSE 1 (19)
DAC1’s output sense connection When
this pin is connected to the VOUT1’s load
impedance the feedback loop will com-
pensate for any voltage drops between
the VOUT1 pin and the load
Va (20)
The power supply voltage ranging from
475V to 165V is applied to this pin It
should be bypassed to AGND with a 001
E
01 mF ceramic capacitor in parallel
with a 22 E 22 mF electrolytic capacitor
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com