Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0890 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0890
Description  Dual 8-bit mP-Compatible Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0890 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC0890 Datasheet HTML 1Page - National Semiconductor (TI) DAC0890 Datasheet HTML 2Page - National Semiconductor (TI) DAC0890 Datasheet HTML 3Page - National Semiconductor (TI) DAC0890 Datasheet HTML 4Page - National Semiconductor (TI) DAC0890 Datasheet HTML 5Page - National Semiconductor (TI) DAC0890 Datasheet HTML 6Page - National Semiconductor (TI) DAC0890 Datasheet HTML 7Page - National Semiconductor (TI) DAC0890 Datasheet HTML 8Page - National Semiconductor (TI) DAC0890 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH10592
May 1995
DAC0890
Dual 8-bit mP-Compatible Digital-to-Analog Converter
General Description
The DAC0890 is a complete dual 8-bit voltage output digital-
to-analog converter that can operate on a single 5V supply
It includes on-chip output amplifiers precision bandgap volt-
age reference and full microprocessor interface
Each DAC0890 output amplifier has two externally select-
able output ranges 0V to 255V and 0V to 102V The ampli-
fiers are internally trimmed for offset and full-scale accuracy
and therefore require no external user trims
The DAC0890 is supplied in 20-pin ceramic DIP package
Features
Y
Two 8-bit voltage output DACs
Y
475V to 165V single operation
Y
Guaranteed monotonic over temperature
Y
Internal precision bandgap reference
Y
Two calibrated output ranges 255V and 102V
Y
2 ms settling time for full-scale output change
Y
No external trims
Y
Microprocessor interface
Applications
Y
Industrial processing controls
Y
Automotive controls
Y
Disk drive motor controls
Y
Automatic test equipment
Block Diagram
TLH10592 – 1
Ordering Information
Industrial (b40 C s TA s a85 C)
Package
DAC0890CIJ
J20A Cerdip
Connection Diagram
Dual-In-Line Package
TLH10592 – 2
Top View
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DAC0890

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
8-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV.A
DAC08 AD-DAC08 Datasheet
68Kb / 1P
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
DAC08 AD-DAC08 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
logo
National Semiconductor ...
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
8-Bit Digital-to-Analog Converters
More results

Similar Description - DAC0890

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
8-Bit mp-compatible D/A converter
August 31, 1994
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTER
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com