Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0890 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0890
Description  Dual 8-bit mP-Compatible Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0890 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DAC0890 Datasheet HTML 4Page - National Semiconductor (TI) DAC0890 Datasheet HTML 5Page - National Semiconductor (TI) DAC0890 Datasheet HTML 6Page - National Semiconductor (TI) DAC0890 Datasheet HTML 7Page - National Semiconductor (TI) DAC0890 Datasheet HTML 8Page - National Semiconductor (TI) DAC0890 Datasheet HTML 9Page - National Semiconductor (TI) DAC0890 Datasheet HTML 10Page - National Semiconductor (TI) DAC0890 Datasheet HTML 11Page - National Semiconductor (TI) DAC0890 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Functional Description
The DAC0890 is a monolithic dual 8-bit bipolar Digital-to-An-
alog converter comprising six major functional blocks de-
signed to operate on a single supply as low as 5V (g5%)
These include two latchDAC combinations two high-speed
output amplifiers band-gap reference and controlinterface
logic
The two internal 8-bit DACs use equal valued current sourc-
es Controlled by a corresponding bit in the input data each
current source’s output is switched into either an R2R lad-
der or AGND Each internal DAC has an 8-bit latch to store
a digital input See
Figure 1
The high-speed output amplifiers operate in the non-invert-
ing mode The R-2R’s output current is applied to the output
amplifier and converted to a voltage The amplifier’s gain is
externally set through the range select pin The two ranges
are 0V to 255V and 0V to 102V The internal resistors that
set the gain are matched to the unit resistor of the R2R
ladder This ensures that these resistors match over pro-
cess variations and temperature This greatly reduces gain
variations that would exist if external gain setting resistors
were used
An internal band-gap reference and its control amplifier gen-
erate a full scale reference voltage for the DACs It produc-
es a 12V output from a single supply
The DAC0890 provides a TTL and CMOS-compatible con-
trol interface and allows writing and latching digital values to
each of the internal DACs
TLH10592 – 7
FIGURE 1 Simplified Internal Schematic (One DAC Shown)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com