Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0890 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0890
Description  Dual 8-bit mP-Compatible Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0890 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC0890 Datasheet HTML 1Page - National Semiconductor (TI) DAC0890 Datasheet HTML 2Page - National Semiconductor (TI) DAC0890 Datasheet HTML 3Page - National Semiconductor (TI) DAC0890 Datasheet HTML 4Page - National Semiconductor (TI) DAC0890 Datasheet HTML 5Page - National Semiconductor (TI) DAC0890 Datasheet HTML 6Page - National Semiconductor (TI) DAC0890 Datasheet HTML 7Page - National Semiconductor (TI) DAC0890 Datasheet HTML 8Page - National Semiconductor (TI) DAC0890 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Positive Supply Voltage (Va)
20V
Voltage at Any Pin (Note 3)
GND b03 to Va a03V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 4)
20 mA
Power Dissipation (Note 5)
10W
ESD Susceptability (Note 6)
2000V
Output Short-Circuit Protection
Duration
Indefinite
Soldering Information
J package (10 sec)
300 C
Storage Temperature
b
65 Cto150 C
Junction Temperature
(Note 5)
Operating Ratings (Notes12)
Temperature Range
TMIN s TA s TMAX
DAC0890CIJ
b
40 C s TA s a85 C
Positive Supply Voltage Va
475 to 165V
Electrical Characteristics The following specifications apply for Va ea5V and Va ea15V and AGND e
DGND e 0V unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
(Note 7)
Typical
Limit
Units
(Note 8)
Resolution
8
Bits(min)
Monotonicity
8
Bit(min)
Integral Linearity Error
g
016
g
05
LSB(min)
Fullscale Error
g
15 g25
LSB(max)
Zero Error
g
10 g20
LSB(max)
Full Scale DAC-to-DAC
g
025
LSB
Tracking (Note 9)
Analog Crosstalk
Va e 15V 102V range
b
74
dB
(Note 10)
Va e 5V 255V range
b
66
dB
Glitch Energy
45
V-ns
(Note 11)
Digital Feedthrough
60
V-ns
(Note 12)
tS
Positive Output Settling
CLOAD s 500 pF
2
m
s
Time (Note 13)
CLOAD s 1000 pF
3
m
s
IO
Output Current Drive
(Note 14)
85 35
mA(min)
Capability
ISC
Output Short Circuit
Va e 15V
20
mA
Current (Note 15)
PSRR
Power Supply Rejection
f k 30 Hz
Ratio
102V range
(Note 16)
135V s Va s165V
7
15
ppm% (max)
255V range
135V s Va s 165V
4
59
ppm% (max)
475V s Va s 525V
4
20
ppm% (max)
475V s Va s 165V
4
ppm%
IS
Supply Current
All Inputs Low
Va e 165
25
30 35
mA (max)
Va e 475
23
mA
VILD
Data Logic Low Threshold
08
V (max)
VIHD
Data Logic High Threshold
20
V (min)
VILC
Control Logic Low
08
V (max)
Threshold
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com