Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5416 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 30Page - Texas Instruments TMS320VC5416 Datasheet HTML 31Page - Texas Instruments TMS320VC5416 Datasheet HTML 32Page - Texas Instruments TMS320VC5416 Datasheet HTML 33Page - Texas Instruments TMS320VC5416 Datasheet HTML 34Page - Texas Instruments TMS320VC5416 Datasheet HTML 35Page - Texas Instruments TMS320VC5416 Datasheet HTML 36Page - Texas Instruments TMS320VC5416 Datasheet HTML 37Page - Texas Instruments TMS320VC5416 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
www.ti.com
3.11
Enhanced External Parallel Interface (XIO2)
READ
A[22:0]
D[15:0]
CLKOUT
R/W
MSTRB or IOSTRB
PS/DS/IS
Leading
Cycle
Read
Cycle
Trailing
Cycle
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The device external interface has been redesigned to include several improvements, including:
simplification of the bus sequence, more immunity to bus contention when transitioning between read and
write operations, the ability for external memory access to the DMA controller, and optimization of the
power-down modes.
The bus sequence on the device still maintains all of the same interface signals as on previous 54x
devices, but the signal sequence has been simplified. Most external accesses now require 3 cycles
composed of a leading cycle, an active (read or write) cycle, and a trailing cycle. The leading and trailing
cycles provide additional immunity against bus contention when switching between read operations and
write operations. To maintain high-speed read access, a consecutive read mode that performs
single-cycle reads as on previous 54x devices is available.
Figure 3-13 shows the bus sequence for three cases: all I/O reads, memory reads in nonconsecutive
mode, or single memory reads in consecutive mode. The accesses shown in Figure 3-13 always require 3
CLKOUT cycles to complete.
Figure 3-13. Nonconsecutive Memory Read and I/O Read Bus Sequence
Figure 3-14 shows the bus sequence for repeated memory reads in consecutive mode. The accesses
shown in Figure 3-14 require (2 + n) CLKOUT cycles to complete, where n is the number of consecutive
reads performed.
34
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com