Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5416 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 19Page - Texas Instruments TMS320VC5416 Datasheet HTML 20Page - Texas Instruments TMS320VC5416 Datasheet HTML 21Page - Texas Instruments TMS320VC5416 Datasheet HTML 22Page - Texas Instruments TMS320VC5416 Datasheet HTML 23Page - Texas Instruments TMS320VC5416 Datasheet HTML 24Page - Texas Instruments TMS320VC5416 Datasheet HTML 25Page - Texas Instruments TMS320VC5416 Datasheet HTML 26Page - Texas Instruments TMS320VC5416 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
www.ti.com
3.6
On-Chip Peripherals
3.6.1
Software-Programmable Wait-State Generator
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The device has the following peripherals:
• Software-programmable wait-state generator
• Programmable bank-switching
• A host-port interface (HPI8/16)
• Three multichannel buffered serial ports (McBSPs)
• A hardware timer
• A clock generator with a multiple phase-locked loop (PLL)
• Enhanced external parallel interface (XIO2)
• A DMA controller (DMA)
The software wait-state generator of the device can extend external bus cycles by up to fourteen machine
cycles. Devices that require more than fourteen wait states can be interfaced using the hardware READY
line. When all external accesses are configured for zero wait states, the internal clocks to the wait-state
generator are automatically disabled. Disabling the wait-state generator clocks reduces the power
consumption.
The software wait-state register (SWWSR) controls the operation of the wait-state generator. The 14 LSBs
of the SWWSR specify the number of wait states (0 to 7) to be inserted for external memory accesses to
five separate address ranges. This allows a different number of wait states for each of the five address
ranges. Additionally, the software wait-state multiplier (SWSM) bit of the software wait-state control
register (SWCR) defines a multiplication factor of 1 or 2 for the number of wait states. At reset, the
wait-state generator is initialized to provide seven wait states on all external memory accesses. The
SWWSR bit fields are shown in Figure 3-5 and described in Table 3-3.
15
14
12
11
9
8
XPA
I/O
DATA
DATA
R/W-0
R/W-111
R/W-111
7
6
5
3
2
0
DATA
PROGRAM
PROGRAM
R/W-111
R/W-111
R/W-111
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-5. Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address
0028h]
Functional Overview
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com