Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5416 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 20Page - Texas Instruments TMS320VC5416 Datasheet HTML 21Page - Texas Instruments TMS320VC5416 Datasheet HTML 22Page - Texas Instruments TMS320VC5416 Datasheet HTML 23Page - Texas Instruments TMS320VC5416 Datasheet HTML 24Page - Texas Instruments TMS320VC5416 Datasheet HTML 25Page - Texas Instruments TMS320VC5416 Datasheet HTML 26Page - Texas Instruments TMS320VC5416 Datasheet HTML 27Page - Texas Instruments TMS320VC5416 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
www.ti.com
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 3-3. Software Wait-State Register (SWWSR) Bit Fields
BIT
RESET
FUNCTION
VALUE
NO.
NAME
Extended program address control bit. XPA is used in conjunction with the program space fields
15
XPA
0
(bits 0 through 5) to select the address range for program space wait states.
I/O space. The field value (0-7) corresponds to the base number of wait states for I/O space accesses
14-12
I/O
111
within addresses 0000-FFFFh. The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for
the base number of wait states.
Upper data space. The field value (0-7) corresponds to the base number of wait states for external
11-9
Data
111
data space accesses within addresses 8000-FFFFh. The SWSM bit of the SWCR defines a
multiplication factor of 1 or 2 for the base number of wait states.
Lower data space. The field value (0-7) corresponds to the base number of wait states for external
8-6
Data
111
data space accesses within addresses 0000-7FFFh. The SWSM bit of the SWCR defines a
multiplication factor of 1 or 2 for the base number of wait states.
Upper program space. The field value (0-7) corresponds to the base number of wait states for external
program space accesses within the following addresses:
•
XPA = 0: xx8000 - xxFFFFh
5-3
Program
111
•
XPA = 1: 400000h - 7FFFFFh
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait states.
Program space. The field value (0-7) corresponds to the base number of wait states for external
program space accesses within the following addresses:
•
XPA = 0: xx0000 - xx7FFFh
2-0
Program
111
•
XPA = 1: 000000 - 3FFFFFh.
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait states.
The software wait-state multiplier bit of the software wait-state control register (SWCR) is used to extend
the base number of wait states selected by the SWWSR. The SWCR bit fields are shown in Figure 3-6
and described in Table 3-4.
15
8
Reserved
R/W-0
7
1
0
Reserved
SWSM
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-6. Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address
0028h]
Table 3-4. Software Wait-State Control Register (SWCR) Bit Fields
PIN
RESET
FUNCTION
VALUE
NO.
NAME
15-1
Reserved
0
These bits are reserved and are unaffected by writes.
Software wait-state multiplier. Used to multiply the number of wait states defined in the SWWSR by a
factor of 1 or 2.
0
SWSM
0
•
SWSM = 0: wait-state base values are unchanged (multiplied by 1)
•
SWSM = 1: wait-state base values are multiplied by 2 for a maximum of 14 wait states
24
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com