Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5416 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 17Page - Texas Instruments TMS320VC5416 Datasheet HTML 18Page - Texas Instruments TMS320VC5416 Datasheet HTML 19Page - Texas Instruments TMS320VC5416 Datasheet HTML 20Page - Texas Instruments TMS320VC5416 Datasheet HTML 21Page - Texas Instruments TMS320VC5416 Datasheet HTML 22Page - Texas Instruments TMS320VC5416 Datasheet HTML 23Page - Texas Instruments TMS320VC5416 Datasheet HTML 24Page - Texas Instruments TMS320VC5416 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
www.ti.com
Hex
010000
01FFFF
Program
Page 1
XPC=1
On-Chip
DARAM0−3
(OVLY=1)
External
(OVLY=0)
On-Chip
DARAM4−7
(MP/MC=0)
External
(MP/MC=1)
Hex
Program
On-Chip
DARAM0−3
(OVLY=1)
External
(OVLY=0)
020000
02FFFF
Page 2
XPC=2
Hex
Program
On-Chip
DARAM0−3
(OVLY=1)
External
(OVLY=0)
030000
03FFFF
Hex
Program
On-Chip
DARAM0−3
(OVLY=1)
External
(OVLY=0)
External
040000
04FFFF
Hex
Program
On-Chip
DARAM0−3
(OVLY=1)
External
(OVLY=0)
7F0000
7FFFFF
Page 3
XPC=3
Page 4
XPC=4
Page 127
XPC=7Fh
External
7F7FFF
7F8000
047FFF
037FFF
027FFF
017FFF
018000
028000
038000
048000
On-Chip
SARAM0−3
(MP/MC=0)
External
(MP/MC=1)
On-Chip
SARAM4−7
(MP/MC=0)
External
(MP/MC=1)
......
3.5.1
Relocatable Interrupt Vector Table
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The extended program memory map is shown in Figure 3-3. Address ranges for on-chip DARAM in data
memory are:
• DARAM4: 018000h-019FFFh
• DARAM5: 01A000h-01BFFFh
• DARAM6: 01C000h-01DFFFh
• DARAM7: 01E000h-01FFFFh
Address ranges for on-chip SARAM in program memory are:
• SARAM0: 028000h-029FFFh
• SARAM1: 02A000h-02BFFFh
• SARAM2: 02C000h-02DFFFh
• SARAM3: 02E000h-02FFFFh
• SARAM4: 038000h-039FFFh
• SARAM5: 03A000h-03BFFFh
• SARAM6: 03C000h-03DFFFh
• SARAM7: 03E000h-03FFFFh
Figure 3-3. Extended Program Memory Map
The reset, interrupt, and trap vectors are addressed in program space. These vectors are soft — meaning
that the processor, when taking the trap, loads the program counter (PC) with the trap address and
executes the code at the vector location. Four words, either two 1-word instructions or one 2-word
instruction, are reserved at each vector location to accommodate a delayed branch instruction which
allows branching to the appropriate interrupt service routine without the overhead.
At device reset, the reset, interrupt, and trap vectors are mapped to address FF80h in program space.
However, these vectors can be remapped to the beginning of any 128-word page in program space after
device reset. This is done by loading the interrupt vector pointer (IPTR) bits in the PMST register with the
appropriate 128-word page boundary address. After loading IPTR, any user interrupt or trap vector is
mapped to the new 128-word page.
NOTE
The hardware reset (RS) vector cannot be remapped because the hardware reset loads
the IPTR with 1s. Therefore, the reset vector is always fetched at location FF80h in
program space.
Functional Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com