Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX21844N Datasheet(PDF) 10 Page - IXYS Corporation

Part # IX21844N
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844N Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IX21844N Datasheet HTML 6Page - IXYS Corporation IX21844N Datasheet HTML 7Page - IXYS Corporation IX21844N Datasheet HTML 8Page - IXYS Corporation IX21844N Datasheet HTML 9Page - IXYS Corporation IX21844N Datasheet HTML 10Page - IXYS Corporation IX21844N Datasheet HTML 11Page - IXYS Corporation IX21844N Datasheet HTML 12Page - IXYS Corporation IX21844N Datasheet HTML 13Page - IXYS Corporation IX21844N Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
10
www.ixysic.com
R01
IX21844
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
Output Sink Current
vs. V
BIAS Supply Voltage
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
Output Source Current
vs. Temperature
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
Output Source Current
vs. V
BIAS Supply Voltage
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
Output Sink Current
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com