Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX21844N Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX21844N
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844N Datasheet(HTML) 5 Page - IXYS Corporation

  IX21844N Datasheet HTML 1Page - IXYS Corporation IX21844N Datasheet HTML 2Page - IXYS Corporation IX21844N Datasheet HTML 3Page - IXYS Corporation IX21844N Datasheet HTML 4Page - IXYS Corporation IX21844N Datasheet HTML 5Page - IXYS Corporation IX21844N Datasheet HTML 6Page - IXYS Corporation IX21844N Datasheet HTML 7Page - IXYS Corporation IX21844N Datasheet HTML 8Page - IXYS Corporation IX21844N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IX21844
R01
www.ixysic.com
5
1.5 Static Electrical Characteristics
VBIAS (VCC, VBS)=15V, VSS=COM, DT=VSS, and TA=25°C unless otherwise specified. The VIL, VIH, and IIN
parameters are referenced to VSS/COM and are applicable to the respective input leads: IN and SD. VO and IO are
referenced to COM and are applicable to the respective output leads: HO and LO.
1.6 Dynamic Electrical Characteristics
VBIAS (VCC, VBS)=15V, CL=1000pF, TA=25°C, DT=VSS, and VSS=COM unless otherwise specified.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Logic “1” Input Voltage
VCC=10V to 20V
VIH
2-
-
V
Logic “0” Input Voltage
VIL
--
0.8
SD Input Positive Going Threshold
VSD,TH+
2-
-
SD Input Negative Going Threshold
VSD,TH-
--
0.8
High Level Output Voltage, VBIAS - VO
IO=0A
VOH
--
2.5
Low Level Output Voltage, VO
IO=20mA
VOL
--
0.2
Offset Supply Leakage Current
VB=VS=600V
ILK
-33
60
A
Quiescent VBS Supply Current
VIN=0V or 5V
IQBS
20
87
150
Quiescent VCC Supply Current
IQCC
0.4
1.8
2.2
mA
Logic “1” Input Bias Current
IN=5V
IIN+
-35
60
A
Logic “0” Input Bias Current
IN=0V
IIN-
--
1
SD Logic “1” Input Bias Current
VSD=5V
ISD+
--
30
A
SD Logic “0” Input Bias Current
VSD=0V
ISD-
-15
60
A
VCC and VBS Supply
Under-voltage Positive Going Threshold
-
VCCUV+
VBSUV+
88.6
9.8
V
VCC and VBS Supply
Under-voltage Negative Going Threshold
VCCUV-
VBSUV-
7.4
7.9
9
Hysteresis
VCCUVH
VBSUVH
0.3
0.7
-
Output High Short Circuit Pulsed Current
VO=0V, PW<10s
IO+
1.4
2.2
-
A
Output Low Short Circuit Pulsed Current
VO=15V, PW<10s
IO-
1.8
2.5
-
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Turn-On Propagation Delay
VS=0V
ton
-560
900
ns
Turn-Off Propagation Delay
VS=0V or 600V
toff
-200
400
Shutdown propagation Delay
-
tSD
-225
400
Delay Matching, HS & LS Turn-on
MTon
-
0
90
Delay Matching, HS & LS Turn-off
MToff
-
0
40
Turn-On Rise Time
VS=0V
tr
-23
60
Turn-Off Fall Time
tf
-14
35
Dead-Time: LO Turn-off to HO Turn-on (DTLO-HO)
& HO Turn-off to LO Turn-on (DTHO-LO)
RDT=0
DT
280
355
520
RDT=200k
456
s
Dead-Time Matching: (DTLO-HO) - (DTHO-LO)
RDT=0
MDT
-0
50
ns
RDT=200k
-0
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com