Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX21844N Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX21844N
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844N Datasheet(HTML) 1 Page - IXYS Corporation

  IX21844N Datasheet HTML 1Page - IXYS Corporation IX21844N Datasheet HTML 2Page - IXYS Corporation IX21844N Datasheet HTML 3Page - IXYS Corporation IX21844N Datasheet HTML 4Page - IXYS Corporation IX21844N Datasheet HTML 5Page - IXYS Corporation IX21844N Datasheet HTML 6Page - IXYS Corporation IX21844N Datasheet HTML 7Page - IXYS Corporation IX21844N Datasheet HTML 8Page - IXYS Corporation IX21844N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX21844-R01
www.ixysic.com
1
Driver Characteristics
Features
• Floating Channel for Bootstrap Operation to +600V
with an Absolute Maximum Rating of +700V
• Programmable Dead-Time
• Outputs Can Source 1.4A and Sink 1.8A
• Gate Drive Supply Range From 10V to 20V
• Tolerant to Negative Voltage Transients:
dV/dt Immune
• 3.3V and 5V Logic Compatible
• Undervoltage Lockout for Both High-side and
Low-Side Outputs
• Matched Propagation Delays
Applications
• Switch Mode Power Supply
• Motor Driver Inverter
• DC/DC Converter
• Uninterruptible Power Supplies (UPS)
Description
The IX21844 is a high voltage IC that can drive high
speed MOSFETs and IGBTs that operate up to
+600V. The IX21844 is configured with dependent
high-side and low side referenced output channels
which can source 1.4A and sink 1.8A. The floating
high-side channel can drive an N-channel power
MOSFET or IGBT 600V from the common reference.
Manufactured on IXYS Integrated Circuits Division's
proprietary high-voltage BCDMOS on SOI (silicon on
isolator) process, the IX21844 is extremely robust and
virtually immune to negative transients. The UVLO
circuit prevents the turn-on of the MOSFET or IGBT
until there is sufficient VBS or VCC supply voltage. A
programmable dead-time can be set between 400ns
and 5us to insure that both the high-side and low-side
power MOSFET or IGBT are not enabled at the same
time. Propagation delays are matched for use in high
frequency applications.
The IX21844 is available in 14-pin DIP and 14-pin
SOIC (narrow body) packages. The 14-pin SOIC
(narrow body) package is also available in tape & reel.
Ordering Information
IX21844 Functional Block Diagram
Parameter
Rating
Units
VOFFSET
600
V
IO +/- (Source/Sink)
1.4 / 1.8
A
VBIAS
10-20
V
Part
Description
IX21844G
14-Pin DIP (25/Tube)
IX21844N
14-Pin SOIC (Narrow Body) (50/Tube)
IX21844NTR 14-Pin SOIC (Narrow Body) (2000/Reel)
Level
Shift
V
SS / COM
LS Delay
Control
Level
Shift
V
SS / COM
UVLO
High
Voltage
Level
Shift
UVLO
Pulse
Generator
R
R
S
Q
Buffer
IN
DT
V
SS
V
B
HO
V
S
V
CC
LO
COM
Input
&
Dead-Time
Control Logic
Buffer
+5V
SD
IX21844
High Voltage Half-Bridge
Gate Driver


Similar Part No. - IX21844N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX2113 IXYS-IX2113 Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
IX2113B IXYS-IX2113B Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
IX2113BTR IXYS-IX2113BTR Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
IX2113G IXYS-IX2113G Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
IX2120 IXYS-IX2120 Datasheet
263Kb / 13P
1200V High and Low Side
More results

Similar Description - IX21844N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
Bridge Controller with Precision Dead Time Control
September 1, 2005
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
LM5106 TI-LM5106_15 Datasheet
989Kb / 26P
100-V Half-Bridge Gate Driver With Programmable Dead-Time
logo
STMicroelectronics
STGIPS40W60L1 STMICROELECTRONICS-STGIPS40W60L1 Datasheet
612Kb / 21P
Dead time and interlocking function
August 2012 Rev 3
logo
Texas Instruments
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
Bridge Controller with Precision Dead Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com