Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX21844N Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX21844N
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844N Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX21844N Datasheet HTML 2Page - IXYS Corporation IX21844N Datasheet HTML 3Page - IXYS Corporation IX21844N Datasheet HTML 4Page - IXYS Corporation IX21844N Datasheet HTML 5Page - IXYS Corporation IX21844N Datasheet HTML 6Page - IXYS Corporation IX21844N Datasheet HTML 7Page - IXYS Corporation IX21844N Datasheet HTML 8Page - IXYS Corporation IX21844N Datasheet HTML 9Page - IXYS Corporation IX21844N Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R01
IX21844
1.7 Test Waveforms
1.7.1 Switching Time Test Circuit
1.7.2 Input/Output Timing Diagram
1.7.3 Shutdown Waveform Definition
1.7.4 Dead-Time Waveform Definition
1.7.5 Delay Matching Waveform Definitions
1.7.6 Switching Time Waveform Definitions
1.7.7 Truth Table
1
2
3 V
SS
4 DT
5 COM
6
7 V
CC
14
13
12
V
S 11
10
9
8
10
μF0.1μF
C
L
10
μF0.1μF
C
L
IN
SD
LO
V
CC=15V
V
B=15V
HO
IN
SD
HO
LO
SD
HO
LO
50%
90%
t
sd
IN
HO
LO
50%
50%
10%
10%
90%
90%
DT
LO-HO
DT
HO-LO
MDT= DT
LO-HO - DTHO-LO
IN
SD
HO
LO
11
HL
01
LH
X0
LL
LO
HO
MT
MT
10%
90%
LO
HO
IN
(LO)
IN
(HO)
50%
50%
IN(LO)
IN(HO)
LO
HO
50%
50%
10%
10%
90%
90%
toff
ton
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com