Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SAM Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # EM78P447SAM
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SAM Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button EM78P447SAM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
EM78P447S
OTP ROM
4.7 Oscillator
1. Oscillator Modes
The EM78P447S can operate in three different oscillator modes, i.e., high XTAL (HXT) oscillator mode, low XTAL (LXT)
oscillator mode, and External RC oscillator mode (ERC) oscillator mode. User can select one of them by programming MS,
HLF and HLP in the Code Option Register. Table 7 depicts how these three modes are defined.
The maximum limit for operational frequencies of crystal/resonator under different VDDs is listed in Table 8.
Table 8 Oscillator Modes Defined by MS and HLP
Mode
MS
HLF
HLP
ERC(External RC oscillator mode)
0
*X
*X
HXT(High XTAL oscillator mode)
1
1
*X
LXT(Low XTAL oscillator mode)
1
0
0
<Note>
1. X, Don’t care
2. The transient point of system frequency between HXT and LXY is around 400 KHz.
Table 9 The Summary of Maximum Operating Speeds
Conditions
VDD
Fxt max.(MHz)
2.3
4.0
3.0
8.0
Two cycles with two clocks
5.0
20.0
2. Crystal Oscillator/Ceramic Resonators(XTAL)
EM78P447S can be driven by an external clock signal through the OSCI pin as shown in Fig. 10 below.
In most applications, Pin OSCI and Pin OSCO can be connected with a crystal or ceramic resonator to generate
oscillation. Fig. 11 depicts such circuit. The same thing applies whether it is in the HXT mode or in the LXT mode. Table 9
provides the recommended values of C1 and C2. Since each resonator has its own attribute, user should refer to its
specification for appropriate values of C1 and C2. RS. A serial resistor may be necessary for AT strip cut crystal or low
frequency mode.
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com