Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SAM Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P447SAM
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SAM Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P447SAM Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
EM78P447S
OTP ROM
2. FEATURES
• Operating voltage range: 2.3V~5.5V.
• Operating temperature range: 0
°C~70°C.
• Operating frequency range( base on 2 clocks)
* Crystal mode: DC~20MHz at 5V, DC~8MHz at 3V, DC~4MHz at 2.3V.
* RC mode: DC~4MHz at 5V, DC~4MHz at 3V, DC~4MHz at 2.3V.
• Low power consumption:
* Less then 2.2 mA at 5V/4MHz
* Typically 30
µA, at 3V/32KHz
* Typically 1
µA, during sleep mode
• 4K
× 13 bits on chip ROM
• One security register to prevent intrusion of OTP memory codes
• One configuration register to accommodate user’s requirements
• 148
× 8 bits on chip registers(SRAM, general purpose register)
• 3 bi-directional I/O ports
• 5 level stacks for subroutine nesting
• 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and overflow interrupt
• Two clocks per instruction cycle
• Power down (SLEEP) mode
• Two available interruptions
* TCC overflow interrupt
* External interrupt
• Programmable free running watchdog timer
• 10 programmable pull-high pins
• 2 programmable open-drain pins
• 2 programmable R-option pins
• Package types:
* 28 pin DIP 600 mil
: EM78P447SAP
* 28 pin SOP (SOIC) 300 mil : EM78P447SAM
* 28 pin SSOP 209 mil : EM78P447SAS
* 32 pin DIP 600 mil
: EM78P447SBP
* 32 pin SOP (SOIC) 450 mil : EM78P447SBWM
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com