Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SAM Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM78P447SAM
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SAM Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM78P447SAM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
EM78P447S
OTP ROM
4.5 RESET and Wake-up
1. RESET
A RESET is initiated by one of the following events-
(1) Power on reset, or
(2) /RESET pin input “low”, or
(3) WDT timeout. (if enabled)
The device is kept in a RESET condition for a period of approx. 18ms
1 (one oscillator start-up timer period) after the reset
is detected. Once the RESET occurs, the following functions are performed (refer to Fig.8).
• The oscillator starts or is running
• The Program Counter (R2) is set to all "1".
• When power is switched on, bits 5~6 of R3 and the upper 2 bits of R4 are cleared.
• All I/O port pins are configured as input mode (high-impedance state).
• The Watchdog timer and prescaler are cleared.
• Upon power on, the bits 5~6 of R3 are cleared.
• Upon power on, the upper 2 bits of R4 are cleared.
• The bits of CONT register are set to all "1" except bit 6 (INT flag).
• IOCB register is set to ”1” (disable P60 ~ P67 wake-up function).
• Bits 3 and 6 of IOCE register are cleared, and Bits 0, 4, and 5 are set to "1".
• Bits 0 and 3 of R3F register and Bits 0 and 3 of IOCF registers are cleared.
The sleep (power down) mode is asserted by executing the “SLEP” instruction. While entering sleep mode, WDT (if
enabled) is cleared but keeps on running. The controller can be awakened by-
(1) External reset input on /RESET pin;
(2) WDT time-out (if enabled)
The above two cases will cause the controller EM78P447S to reset. The T and P flags of R3 can be used to determine the
source of the reset (wake-up).
In addition to the basic SLEEP1 MODE, EM78P447S has another sleep mode (designated as SLEEP2 MODE and is
invoked by clearing the IOCE register “SLPC” bit). In the SLEEP2 MODE, the controller can be awakened by-
1 NOTE: Vdd = 5V, set up time period = 16.2ms ± 30%
Vdd = 3V, set up time period = 19.6ms ± 30%
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com