Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SAM Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM78P447SAM
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SAM Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM78P447SAM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P447SAM Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
EM78P447S
OTP ROM
6. IOCF (Interrupt Mask Register)
7
6
5
4
3
2
1
0
-
-
-
-
EXIE
-
-
TCIE
• Bit 3 (EXIE) EXIF interrupt enable bit.
0: disable EXIF interrupt
1: enable EXIF interrupt
• Bit 0 (TCIE) TCIF interrupt enable bit.
0: disable TCIF interrupt
1: enable TCIF interrupt
• Bits 1, 2 and 4~7 Not used.
• Individual interrupt is enabled by setting its associated control bit in the IOCF to "1".
• Global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction (refer to Fig.
9).
• IOCF register is both readable and writable.
Oscillator
Enable
Disable
Reset
QD
Q
CLK
PR
CL
Clear
from S/W
Set
2
/WUE0
/WUE1
/WUE7
VCC
P60~P67
VCC
/WUE
P74~P75
/PHEN
8
Fig. 5 Sleep Mode and Wake-Up Circuits on I/O Ports Block Diagram
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com