Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEEP Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # PEEP
Description  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEP Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  PEEP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor (Radial Type)
MERITEK
PEEP Series
RELIABILITY (CONTINUED)
Item
Standard
Bending
Strength of
Lead Wire
Terminations
Bending strength load listed in the table below shall be hung at the end of the lead wire termination, and the
body of a capacitor shall be bent 90o and return to its original position. This operation shall be performed
around 2 to 3 seconds. Then the body shall be bent 90°at the opposite direction and return to its original
position at same speed. At this test, that capacitor shall no appear any change defective in use.
Case diameter
(mm)
Load Strength
(N)
Load Strength
(kgf)
Ø6.3
2.5
0.255
Ø8
5
0.51
Ø10
5
0.51
Solderability
A lead wire termination shall be dipped for 2±0.5 seconds in the flux of ethanol or isopropylalcohol
solution (25±2%) of colophonium. Then that lead wire terminations shall be immersed to a solder
(H60A, H60S or H63A) of 235±5
⁰C and up to the point 1.5 to 2.0mm from the body and kept for
2±0.5 seconds, and pulling it out. After this test, at least 95% of circumferential surface of the dipped
portion of termination shall be covered with new solder.
Resistance to
Soldering Heat
A Capacitor shall be inserted to a printed circuit board having a thickness of 1.6mm up to the point 1.5 to
2.0mm from the body. Then the lead wire termination shall be dipped for 5 to 10 seconds in the flux of ethanol
solution (25±2%) of colophonium. And then the lead wire termination shall be immersed to the solder (H60A,
H60S or H63A) of 260±5
⁰C and up to the point of the Printed circuit board and kept for 10±1 seconds, and
pulling it out. After this test, characteristics shall meet the value in the table below.
Characteristics
Performance
Cap. Change
Within 5% of the initial value
tanφ
Not exceed the standard rating
Leakage Current
Not exceed the standard rating
Visual
No remarkable abnormality
Resistance to
Solvent
A Capacitor shall be immersed for 30±5 seconds in isopropylalcohol at 20 to 25
⁰C and then pull it
out. After this test, marking and visual shall meet the requirement in the table below.
Characteristics
Performance
Marking
Easily readable
Appearance
Not appear any abnormality
INSTRUCTIONS
1. Cautions on use of capacitors
a. Polarity
Solid electrolytic capacitors are polarized capacitors. Use capacitors after verifying their positive and negative
polarities. If these capacitors are installed in the reverse polarity, its life may shorten because of increasing
leakage current or short circuit.
b.
Types of circuits in which capacitors are prohibited from being used PEHA series may be
heated by soldering to increase in its leakage current slightly. This may have some influence
on the characteristics capacitors in the following circuits.
(1) Time constant circuit
(2) Coupling circuit
(3) High impedance voltage holding circuit
(4) Connections of two or more capacitors in series for higher withstand voltage.
c. Over voltage
If PEHA series is applied a voltage higher than the rated voltage for an instantaneous period, it may be
defected due to short circuit. Note that the voltage over the rated voltage must not be applied to capacitors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com