Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEEP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PEEP
Description  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PEEP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor (Radial Type)
MERITEK
PEEP Series
FEATURES
 Standard radial lead type,
High ripple current capability
High voltage
Super Low ESR
3000 hours at 105⁰C
PART NUMBERING SYSTEM
PEEP
35V
101
M 0606
Meritek Series
Rated Voltage
Volt.
6.3V
35V
Code
6R3
35V
Capacitance
Cap.
100uf
2000uf
Code
101
202
Tolerance
Tol.
±10%
±20%
Code
K
M
Case size – (D) Diameter x (L) Length in mm
ELECTRICAL SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-55 ~ +105°C
Rated Voltage
6.3 ~ 35VDC
Surge Voltage
Rated Voltage × 1.15
Capacitance Tolerance
±20% (M)
DIMENSIONS
Size
Code
0508
0509
0606
0609
0610
0611
0809
0812
1012
Ød + 0.5
MAX
5.0
5.0
6.3
6.3
6.3
6.3
8.0
8.0
10.0
L MAX
5.0
9.0
6.0
9.0
10.0
11.0
9.0
12.0
12.0
Ød ±
0.05
0.5
0.5
0.45
0.6
0.6
0.6
0.6
0.6
0.6
F ±0.4
2.0
2.0
2.5
2.5
2.5
2.5
3.5
3.5
5.0
H ±0.3
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
STANDARD RATINGS
WV/VDC
(SV)
Cap.
(μF)
Size
Code
Leakage
Current (μA)
ESR
(mΩ/20
⁰C,100K~300KHz)
Rated Ripple Current
(mA/105
⁰C,100KHz)
6.3
(7.2)
270
0508
340
12
3500
390
0509
500
8
4050
560
0609
705
8
4700
680
0609
857
8
4700
680
0809
857
7
6100
820
0610
1033
8
4700
820
0812
1033
7
6100
1000
0611
1260
8
4700
1000
0809
1260
7
6100
1000
0812
1260
7
6100
1500
0812
1890
7
6100
1500
1012
1890
7
6640
RoHS
Unit: mm


Similar Part No. - PEEP

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PEE1100-12-054NA BEL-PEE1100-12-054NA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
PEE1100-12-054RA BEL-PEE1100-12-054RA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
PEE1100-12-054XA BEL-PEE1100-12-054XA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
logo
Sensata Technologies, I...
PEE240A25 SENSATA-PEE240A25 Datasheet
320Kb / 5P
PCB MOUNT SOLID STATE RELAYS
07/09/2024 Rev. B
PEE240A25R SENSATA-PEE240A25R Datasheet
320Kb / 5P
PCB MOUNT SOLID STATE RELAYS
07/09/2024 Rev. B
More results

Similar Description - PEEP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
MERITEK ELECTRONICS COR...
PE MERITEK-PE Datasheet
678Kb / 3P
Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5K MERITEK-PE5K Datasheet
809Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (Radial type)
PE5P MERITEK-PE5P Datasheet
813Kb / 6P
Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PECS MERITEK-PECS Datasheet
927Kb / 2P
Conductive Polymer Aluminum Solid Capacitor (SMT)
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
Conductive Polymer Aluminum Solid Capacitor (Radial Type)
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com