Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEEP Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # PEEP
Description  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEP Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  PEEP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor (Radial Type)
MERITEK
PEEP Series
STANDARD RATINGS (CONTINUED)
WV/VDC
(SV)
Cap.
(
μF)
Size
Code
Leakage
Current (μA)
ESR
(mΩ/20
⁰C,100K~300KHz)
Rated Ripple Current
(mA/105
⁰C,100KHz)
6.8
(7.8)
270
0508
367
12
3500
390
0509
530
11
3800
1000
0611
1360
8
5500
7.5
(8.6)
270
0508
405
12
3500
390
0509
585
11
3800
500
0509
750
12
3500
10
(11.5)
820
0812
1640
8
6100
1000
0812
2000
8
6100
6.3
(7.2)
100
0606
320
24
2490
270
0609
864
15
3800
270
0809
864
10
5000
330
0809
1056
10
5000
470
0809
1505
16
4000
470
0812
1505
10
5230
560
0812
1792
14
4950
680
1012
2176
10
6100
820
1012
2624
10
6100
1000
1012
3200
12
5400
20
(23)
390
0811
1560
14
4970
470
0812
1880
14
4970
25
(28.7)
220
0812
1100
16
4650
25
(28.7)
22
0606
154
35
2400
100
0812
700
25
2890
RELIABILITY
Item
Standard
Leakage
Current
DC rated voltage shall be applied between anode and cathode lead wire terminations of a capacitor through 1k
protective resistance, and the leakage current shall be less than or equal to the value listed in table 5 after 2
minutes with the voltage reaching the rated value at 20±2
⁰C.
tanφ
0.1 MAX. measured at 120Hz ±10% at 20±2
⁰C.
ESR
Compensation
Signal Level
Frequency
Measurement Point
Short and Open compensation would be
required. Short correction is performed using
the shorting plate made of 0.5 thickness
copper plate with gold coating.
500mV
100KHz
Point of lead wire
within 1mm from the
body
Impedance at
High and Low
Temperature
Impedance at 100kHz at -55±3
⁰C or -25±3⁰C shall meet the values listed in the table below.
Impedance Ratio
Performance
Z (-55
⁰C)/Z(+20⁰C)
≤1.25
Z (-105
⁰C)/Z(+20⁰C)
≤1.25
Pull Strength of
Lead Wire
Terminations
With the body of a capacitor fixed, the load listed in the table below shall be applied to the lead wire termination
in its draw out direction, gradually up to the specified value and held for 10±1 seconds. After this test, that
capacitor shall not appear any change defective in use.
Case diameter
(mm)
Load Strength
(N)
Load Strength
(kgf)
Ø6.3
5
0.51
Ø8
10
1.0
Ø10
10
1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com