Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEEP Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # PEEP
Description  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEP Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  PEEP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor (Radial Type)
MERITEK
PEEP Series
RELIABILITY (CONTINUED)
Item
Standard
Damp Heat
(Steady State)
A capacitor shall be subjected to a temperature of 60±2
⁰C and relative humidity of 90 to 95% without voltage
applied for a period of 1000+24/-0 hours. Then that capacitor shall be taken out from the above condition to a
temperature of 20
⁰C and it shall meet the characteristics in the table below.
Characteristics
Performance
Appearance
No significant damage
Cap. Change
≤ ±20% of the initial value
tanφ
≤ ±150% of the initial value
ESR
≤ ±150% of the initial value
Leakage Current
≤ the initial specified value
Endurance
A capacitor shall be subjected to a temperature of 105±2
⁰Cwith test voltage applied for a period of 3,000+72/-0
hours and take out from the above condition to a temperature of 20
⁰C. After this test, that capacitor shall meet
the characteristics in the table below. Besides, the applied voltage shall increase up from 0V to test voltage
step by step (maximum 5 minutes), and the impedance of the source shall be equal to about 3
Ω/V.
Characteristics
Performance
Appearance
No significant damage
Cap. Change
≤ ±20% of the initial value
tanφ
≤ ±150% of the initial value
ESR
≤ ±150% of the initial value
Leakage Current
≤ the initial specified value
Surge Voltage
The following specifications in Table 16 shall be satisfied when the capacitors are restored to +20
⁰C after the
surge voltage is applied at a cycle of 360 seconds which consists charge for 30±5 seconds through a protective
resistor of 1k
Ω and discharge for 330 seconds, for 1000 cycles at 105±2
⁰C.
Characteristics
Performance
Appearance
No significant damage
Cap. Change
≤ ±20% of the initial value
tanφ
≤ ±150% of the initial value
ESR
≤ ±150% of the initial value
Leakage Current
≤ the initial specified value
Surge Voltage Circuit
Rapid
Temperature
Change
The characteristics of a capacitor kept under the temperature cycle indicated in the figure below for 5 cycles
and followed the voltage shall meet the characteristics in the table below.
Characteristics
Performance
Appearance
No significant damage
Cap. Change
≤ ±10% of the initial value
tanφ
≤ the initial specified value
ESR
≤ the initial specified value
Leakage Current
≤ the initial specified value
V: DC Voltmeter
R1: Protective resistor 1KΩ
R2: Discharging resistor 1KΩ
CX: Capacitor under test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com