Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2020UFCL Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN2020UFCL
Description  ESD Protected Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2020UFCL Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN2020UFCL Datasheet HTML 1Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 2Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 3Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 4Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 5Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN2020UFCL
Document number: DS36541 Rev. 3 – 2
5 of 6
www.diodes.com
December 2013
© Diodes Incorporated
DMN2020UFCL
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for latest version.
X1-DFN1616-6
Type E
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.02
A3
—
—
0.13
b
0.20
0.30
0.25
b1
0.10
0.30
0.20
D
1.55
1.65
1.60
D2
0.57
0.77
0.67
E
1.55
1.65
1.60
E2
1.30
1.50
1.40
e
—
—
0.50
L
0.25
0.35
0.30
L1
0.52
0.72
0.62
Z
—
—
0.175
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
0.200
X2
0.720
X3
0.400
Y
0.475
Y1
0.620
Y2
1.900
X (6x)
C
Y (2x)
Y2
X1
Y1
X2
X3
D
E
e
b(6X)
L(2X)
A
A3
Z(4X)
A1
L1
b1
E2
D2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com