Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2020UFCL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2020UFCL
Description  ESD Protected Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2020UFCL Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2020UFCL Datasheet HTML 1Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 2Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 3Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 4Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 5Page - Diodes Incorporated DMN2020UFCL Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN2020UFCL
Document number: DS36541 Rev. 3 – 2
1 of 6
www.diodes.com
December 2013
© Diodes Incorporated
DMN2020UFCL
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
20V
14 mΩ @ VGS = 4.5V
9 A
20 mΩ @ VGS = 2.5V
7.5 A
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
Power management functions
Load Switch
Features and Benefits
Typical off board profile of 0.5mm - ideally suited for thin
applications
Low RDS(ON) – minimizes conduction losses
PCB footprint of 2.56mm
2
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
Case: X1-DFN1616-6 Type E
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Lead Free Plating (NiPdAu Finish over Copper leadframe).
Terminals: Solderable per MIL-STD-202, Method 208
Weight: 0.04 grams (approximate)
Ordering Information (Note 4)
Product
Reel size (inches)
Tape width (mm)
Quantity per reel
DMN2020UFCL-7
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
X1-DFN1616-6
Type E
Device Symbol
Bottom View
Top View
Top View
Pin-Out
Pin 1
20N = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)
20N
YM
ESD PROTECTED
e4


Similar Part No. - DMN2020UFCL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2020UFCL DIODES-DMN2020UFCL_15 Datasheet
317Kb / 6P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMN2020UFCL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3018SFG DIODES-DMN3018SFG Datasheet
266Kb / 6P
ESD Protected Gate
Rev 4
DMN3900UFA DIODES-DMN3900UFA Datasheet
275Kb / 6P
ESD Protected
Rev 4
DMP22D4UFA DIODES-DMP22D4UFA Datasheet
159Kb / 6P
ESD Protected Gate
Rev 2
DMP32D5LFA DIODES-DMP32D5LFA Datasheet
359Kb / 6P
ESD Protected
Rev 3
DMP32D9UFZ DIODES-DMP32D9UFZ Datasheet
345Kb / 6P
ESD Protected Gate
Rev 2
logo
Alpha & Omega Semicondu...
AON7262E AOSMD-AON7262E Datasheet
336Kb / 6P
ESD protected
AON7264E AOSMD-AON7264E Datasheet
348Kb / 6P
ESD protected
logo
Unisonic Technologies
UTRS485 UTC-UTRS485_17 Datasheet
263Kb / 8P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
TRANSCEIVERS WITH ESD-PROTECTED
logo
Shanghai Leiditech Elec...
2N7002W LEIDITECH-2N7002W Datasheet
1Mb / 6P
ESD Protected:1000V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com