Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1964Y Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1964Y
Description  TTL and CMOS Compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1964Y Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1964Y Datasheet HTML 1Page - IXYS Corporation CPC1964Y Datasheet HTML 2Page - IXYS Corporation CPC1964Y Datasheet HTML 3Page - IXYS Corporation CPC1964Y Datasheet HTML 4Page - IXYS Corporation CPC1964Y Datasheet HTML 5Page - IXYS Corporation CPC1964Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R01
CPC1964Y
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage (V
DRM)
800
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
1600
mW
Isolation Voltage Input to Output
2500
V
rms
ESD, Human Body Model
4
kV
i2t for Fusing (1/2 Sine Wave, 50Hz)
1
A2s
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 16.67 mW / ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
V
L=120-280Vrms
I
L
0.1
-
1
A
rms
Maximum Surge Current
t < 20ms
I
P
--
10
A
P
Off State Leakage Current
I
F=0mA, VL=VDRM
I
LEAK
-
-
100
A
P
On-State Voltage Drop 1
I
F=5mA, IL=1.5AP
-
-
1.21
1.4
V
P
Off-State dV/dt
I
F=0mA
dV/dt
1000
-
-
V/
s
Switching Speeds
Turn-on
I
F = 5 mA
t
on
-
-
0.5
cycles
Turn-off
t
off
-
-
0.5
cycles
Zero-Cross Turn-On Voltage 2
1st half cycle
-
-
5
20
V
Subsequent half cycle
-
-
-
5
V
Holding Current
-
I
H
-
-
75
mA
Latching Current
-
I
L
-
-
75
mA
Operating Frequency
-
20
-
500
Hz
Load Power Factor for
Guaranteed Turn-On 3
f=60Hz
PF
0.25
-
-
-
Input Characteristics
Input Control Current to Activate 4
f=60Hz, I
L=1A Resistive
I
F
--
5
mA
Input Drop-out Voltage to Deactivate
-
-
0.8
-
-
V
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
V
IO=0V, f=1MHz
C
IO
--
3
pF
1 Tested at a peak value equivalent.
2 Zero Cross 1st half cycle @ <100Hz.
3 Snubber circuits may be required at low power factors.
4 For high-noise environments, or for high-frequency operation, use I
F > 10mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com