Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1964Y Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1964Y
Description  TTL and CMOS Compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1964Y Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1964Y Datasheet HTML 1Page - IXYS Corporation CPC1964Y Datasheet HTML 2Page - IXYS Corporation CPC1964Y Datasheet HTML 3Page - IXYS Corporation CPC1964Y Datasheet HTML 4Page - IXYS Corporation CPC1964Y Datasheet HTML 5Page - IXYS Corporation CPC1964Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1964Y-R01
1
CPC1964Y
AC Power Switch
Part #
Description
CPC1964Y
4-Pin (8-Pin Body) SIP (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
20 - 280
V
rms
Load Current
1
A
rms
On-State Voltage Drop
1.4
V
P (at IL = 1AP)
Blocking Voltage
800
V
P
Applications
Features
Description
Ordering Information
Pin Configuration
• Lighting
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Meters
• Load Current up to 1A
rms
• 800V
P Blocking Voltage
• 5mA Sensitivity
• 2500V
rms Input to Output Isolation
• Off-State dV/dt: 1000V/
s Minimum
• Zero-Cross Switching
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
CPC1964Y is an AC Solid State Switch utilizing
dual power SCR outputs. This device also includes
zero-cross turn-on circuitry and is specified with a
blocking voltage of 800V
P .
In addition, the tightly controlled zero-cross circuitry
ensures low noise switching of AC loads by minimizing
the generation of transients. The optically coupled
input and output circuits provide 2500V
rms of isolation
between the control and load circuits. As a result, the
CPC1964Y is well suited for industrial environments
where electromagnetic interference would disrupt the
operation of plant facility communication and control
systems.
Approvals
• UL 508 Certified Component: File E69938
2
1
– LED + LED
AC Load
AC Load
8
6
ZC
Switching Characteristics
Control
Load
Current
AC Line
Voltage
Across
Relay


Similar Part No. - CPC1964Y

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1964B IXYS-CPC1964B Datasheet
117Kb / 6P
Low EMI and RFI Generation
CPC1964BX6 IXYS-CPC1964BX6 Datasheet
117Kb / 6P
Machine Insertable, Wave Solderable
CPC1964G IXYS-CPC1964G Datasheet
119Kb / 6P
Zero-Cross Switching
More results

Similar Description - CPC1964Y

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
Nel Frequency Controls,...
HA-460 NEL-HA-460 Datasheet
61Kb / 2P
CMOS (TTL Compatible)
HS-460 NEL-HS-460_10 Datasheet
58Kb / 2P
CMOS (TTL Compatible)
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
CMOS (TTL Compatible)
logo
IXYS Corporation
CPC1965G IXYS-CPC1965G Datasheet
102Kb / 6P
TTL and CMOS Compatible
CPC1965Y IXYS-CPC1965Y Datasheet
100Kb / 6P
TTL and CMOS Compatible
CPC1966YX6 IXYS-CPC1966YX6 Datasheet
116Kb / 6P
TTL and CMOS Compatible
CPC1976YX6 IXYS-CPC1976YX6 Datasheet
116Kb / 6P
TTL and CMOS Compatible
logo
STMicroelectronics
ST2041 STMICROELECTRONICS-ST2041 Datasheet
269Kb / 13P
CMOS- and TTL-compatible enable inputs
24-Nov-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com