Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1964Y Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1964Y
Description  TTL and CMOS Compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1964Y Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1964Y Datasheet HTML 1Page - IXYS Corporation CPC1964Y Datasheet HTML 2Page - IXYS Corporation CPC1964Y Datasheet HTML 3Page - IXYS Corporation CPC1964Y Datasheet HTML 4Page - IXYS Corporation CPC1964Y Datasheet HTML 5Page - IXYS Corporation CPC1964Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R01
CPC1964Y
PERFORMANCE DATA* (@25ºC Unless Otherwise Noted)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
On-State Voltage vs. Temperature
V
on@1.5AP
V
on@1AP
V
on@0.5AP
Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-3
-2
-1
0
1
2
3
Load Current vs. Load Voltage
(I
F=5mA)
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Typical Load Current vs. Load Voltage
-40ºC
25ºC
85ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.25
0.50
0.75
1.00
1.25
Maximum Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
850
900
950
1000
1050
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.001
0.01
0.1
1
10
Typical Leakage Current
vs. Temperature
V
L=800V
V
L=300V
Time
100 s
1ms
10ms 100ms
1s
10s
100s
0
2
4
6
8
10
12
Maximum Surge Current vs. Time



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com