Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1964Y Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1964Y
Description  TTL and CMOS Compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1964Y Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1964Y Datasheet HTML 1Page - IXYS Corporation CPC1964Y Datasheet HTML 2Page - IXYS Corporation CPC1964Y Datasheet HTML 3Page - IXYS Corporation CPC1964Y Datasheet HTML 4Page - IXYS Corporation CPC1964Y Datasheet HTML 5Page - IXYS Corporation CPC1964Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1964Y
www.ixysic.com
3
R01
PERFORMANCE DATA* (@25ºC Unless Otherwise Noted)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
LED Current (mA)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
Typical I
F for Switch Operation
Resistive Load
(N=50, I
L=1.5A, VL=120VAC/60Hz)
Forward Voltage (V
P)
1.200 1.205 1.210 1.215 1.220 1.225 1.230
0
5
10
15
20
25
30
35
On-State Forward Voltage Drop
(N=50, I
F=5mA, IL=1.5A)
Zero-Cross Voltage (V)
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0
5
10
15
20
25
First Zero-Cross Turn-On Voltage
Distribution
(N=50, I
F=5mA)
Blocking Voltage (V
P)
850
865
880
895
910
925
0
5
10
15
20
25
30
35
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.0
2.2
2.4
2.6
2.8
3.0
LED Forward Current to Operate
vs. Temperature - Inductive Load
(I
L=500mA, 60Hz, 200mH)
Load Frequency (Hz)
0
100
200
300
400
500
2.0
2.2
2.4
2.6
2.8
3.0
3.2
LED Forward Current to Operate
vs.Load Frequency
(V
P=67V, RL=50
, I
L=0.94Arms)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
6.5
7.0
7.5
8.0
8.5
First Zero-Cross Turn-On Voltage
(I
F=5mA, RL=120
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
Holding Current vs. Temperature
(R
L=1.9
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.0
2.2
2.4
2.6
2.8
3.0
LED Forward Current to Operate
vs. Temperature - Resistive Load
(I
L=350mA, 60Hz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com