Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6229
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6229 Datasheet HTML 7Page - STMicroelectronics L6229 Datasheet HTML 8Page - STMicroelectronics L6229 Datasheet HTML 9Page - STMicroelectronics L6229 Datasheet HTML 10Page - STMicroelectronics L6229 Datasheet HTML 11Page - STMicroelectronics L6229 Datasheet HTML 12Page - STMicroelectronics L6229 Datasheet HTML 13Page - STMicroelectronics L6229 Datasheet HTML 14Page - STMicroelectronics L6229 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/25
L6229
Figure 12 shows the magnitude of the Off Time tOFF versus COFF and ROFF values. It can be approximately
calculated from the equations:
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated Dead Time with:
20K
Ω ≤ ROFF ≤ 100KΩ
0.47nF
≤ COFF ≤ 100nF
tDT = 1µs (typical value)
Therefore:
tOFF(MIN) = 6.6µs
tOFF(MAX) = 6ms
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the Rise Time tRCRISE of the voltage at the pin RCOFF. The
Rise Time tRCRISE will only be an issue if the capacitor is not completely charged before the next time the
monostable is triggered. Therefore, the On Time tON, which depends by motors and supply parameters, has to
be bigger than tRCRISE for allowing a good current regulation by the PWM stage. Furthermore, the On Time tON
can not be smaller than the minimum on time tON(MIN).
tRCRISE = 600 · COFF
Figure 13 shows the lower limit for the On Time tON for having a good PWM current regulation capacity. It has
to be said that tON is always bigger than tON(MIN) because the device imposes this condition, but it can be smaller
than tRCRISE - tDT. In this last case the device continues to work but the Off Time tOFF is not more constant.
So, small COFF value gives more flexibility for the applications (allows smaller On Time and, therefore, higher
switching frequency), but, the smaller is the value for COFF, the more influential will be the noises on the circuit
performance.
Figure 12. tOFF versus COFF and ROFF.
t
ON
t
ON MI N
()
>2.5
µs (typ. value)
=
t
ON
t
RCRISE
t
DT
>
0.1
1
10
100
1
10
100
1.10
3
1.10
4
Coff [nF]
Roff = 100kΩ
Roff = 47kΩ
Roff = 20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com