Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6229
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6229 Datasheet HTML 8Page - STMicroelectronics L6229 Datasheet HTML 9Page - STMicroelectronics L6229 Datasheet HTML 10Page - STMicroelectronics L6229 Datasheet HTML 11Page - STMicroelectronics L6229 Datasheet HTML 12Page - STMicroelectronics L6229 Datasheet HTML 13Page - STMicroelectronics L6229 Datasheet HTML 14Page - STMicroelectronics L6229 Datasheet HTML 15Page - STMicroelectronics L6229 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
L6229
12/25
Figure 13. Area where tON can vary maintaining the PWM regulation.
3.4 SLOW DECAY MODE
Figure 14 shows the operation of the bridge in the Slow Decay mode during the Off Time. At any time only two
legs of the three-phase bridge are active, therefore only the two active legs of the bridge are shown in the figure
and the third leg will be off. At the start of the Off Time, the lower power MOS is switched off and the current
recirculates around the upper half of the bridge. Since the voltage across the coil is low, the current decays slow-
ly. After the Dead Time the upper power MOS is operated in the synchronous rectification mode reducing the
impendence of the freewheeling diode and the related conducting losses. When the monostable times out, up-
per MOS that was operating the synchronous mode turns off and the lower power MOS is turned on again after
some delay set by the Dead Time to prevent cross conduction.
Figure 14. Slow Decay Mode Output Stage Configurations
0.1
1
10
100
1
10
100
Coff [nF]
1.5
µs (typ. value)
A) ON TIME
B) 1
µs DEAD TIME
C) SYNCHRONOUS
RECTIFICATION
D) 1
µs DEAD TIME
D01IN1336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com