Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6229
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229 Datasheet(HTML) 4 Page - STMicroelectronics

  L6229 Datasheet HTML 1Page - STMicroelectronics L6229 Datasheet HTML 2Page - STMicroelectronics L6229 Datasheet HTML 3Page - STMicroelectronics L6229 Datasheet HTML 4Page - STMicroelectronics L6229 Datasheet HTML 5Page - STMicroelectronics L6229 Datasheet HTML 6Page - STMicroelectronics L6229 Datasheet HTML 7Page - STMicroelectronics L6229 Datasheet HTML 8Page - STMicroelectronics L6229 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
L6229
4/25
Figure 3. Pin Connections (Top view)
(5) The slug is internally connected to pins 1, 18, 19 and 36 (GND pins).
Table 5. Pin Description
PACKAGE
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
PIN #
PIN #
110
H1
Sensor Input
Single Ended Hall Effect Sensor Input 1.
2
11
DIAG
Open Drain
Output
Overcurrent Detection and Thermal Protection pin. An
internal open drain transistor pulls to GND when an
overcurrent on one of the High Side MOSFETs is
detected or during Thermal Protection.
3
12
SENSEA
Power Supply
Half Bridge 1 and Half Bridge 2 Source Pin. This pin
must be connected together with pin SENSEB to
Power Ground through a sensing power resistor.
4
13
RCOFF
RC Pin
RC Network Pin. A parallel RC network connected
between this pin and ground sets the Current
Controller OFF-Time.
515
OUT1
Power Output
Output 1
6, 7,
18, 19
1, 18,
19, 36
GND
GND
Ground
terminals.
On
PowerDIP24
and
SO24
packages,
these
pins
are
also
used
for
heat
dissipation toward the PCB. On PowerSO36 package
the slug is connected on these pins.
8
22
TACHO
Open Drain
Output
Frequency-to-Voltage open drain output. Every pulse
from pin H1 is shaped as a fixed and adjustable length
pulse.
9
24
RCPULSE
RC Pin
RC Network Pin. A parallel RC network connected
between this pin and ground sets the duration of the
Monostable Pulse used for the Frequency-to-Voltage
converter.
GND
GND
TACHO
RCPULSE
SENSEB
EN
FWD/REV
1
3
2
4
5
6
7
8
9
VREF
VBOOT
BRAKE
OUT3
VSB
GND
GND
19
18
17
16
15
13
14
D01IN1194A
10
11
12
24
23
22
21
20
H1
DIAG
SENSEA
RCOFF
OUT1
VSA
OUT2
VCP
H2
H3
GND
N.C.
N.C.
VSA
RCOFF
OUT1
N.C.
N.C.
N.C.
N.C.
N.C.
TACHO
RCPULSE
N.C.
VSB
N.C.
N.C.
GND
1
3
2
4
13
14
15
16
17
34
33
24
23
22
20
21
19
35
18
36
GND
GND
D01IN1195A
H1
SENSEA
DIAG
SENSEB
EN
FWD/REV
10
11
12
27
26
25
H3
VREF
9
28
OUT2
H2
VCP
BRAKE
OUT3
VBOOT
5
7
8
32
30
29
N.C.
N.C.
6
31
PowerSO36 (5)
PowerDIP24/SO24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com