Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6229
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229 Datasheet(HTML) 3 Page - STMicroelectronics

  L6229 Datasheet HTML 1Page - STMicroelectronics L6229 Datasheet HTML 2Page - STMicroelectronics L6229 Datasheet HTML 3Page - STMicroelectronics L6229 Datasheet HTML 4Page - STMicroelectronics L6229 Datasheet HTML 5Page - STMicroelectronics L6229 Datasheet HTML 6Page - STMicroelectronics L6229 Datasheet HTML 7Page - STMicroelectronics L6229 Datasheet HTML 8Page - STMicroelectronics L6229 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/25
L6229
Table 3. Recommended Operating Condition
Table 4. Thermal Data
Symbol
Parameter
Test Conditions
MIN
MAX
Unit
VS
Supply Voltage
VSA = VSB = VS
12
52
V
VOD
Differential Voltage between:
VSA, OUT1, OUT2, SENSEA and
VSB, OUT3, SENSEB
VSA = VSB = VS;
VSENSEA = VSENSEB
52
V
VREF
Voltage Range at pin VREF
-0.1
5
V
VSENSE
Voltage Range at pins SENSEA
and SENSEB
(pulsed tW < trr)
(DC)
-6
-1
6
1
V
V
IOUT
DC Output Current
VSA = VSB = VS
1.4
A
TJ
Operating Junction Temperature
-25
125
°C
fSW
Switching Frequency
100
KHz
Symbol
Description
PDIP24
SO24
PowerSO36
Unit
Rth(j-pins)
Maximum Thermal Resistance Junction-Pins
19
15
°C/W
Rth(j-case)
Maximum Thermal Resistance Junction-Case
2
°C/W
Rth(j-amb)1
MaximumThermal Resistance Junction-Ambient (1)
(1) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the bottom side of 6 cm2 (with a thickness of 35 µm).
44
55
-
°C/W
Rth(j-amb)1
Maximum Thermal Resistance Junction-Ambient (2)
(2) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm).
--
36
°C/W
Rth(j-amb)1
MaximumThermal Resistance Junction-Ambient (3)
(3) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm),
16 via holes and a ground layer.
--
16
°C/W
Rth(j-amb)2
Maximum Thermal Resistance Junction-Ambient (4)
(4) Mounted on a multi-layer FR4 PCB without any heat-sinking surface on the board.
59
78
63
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com