Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REDIN45 Datasheet(PDF) 1 Page - Recom International Power

Part # REDIN45
Description  45 Watt DIN-Rail Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN45 Datasheet(HTML) 1 Page - Recom International Power

  REDIN45 Datasheet HTML 1Page - Recom International Power REDIN45 Datasheet HTML 2Page - Recom International Power REDIN45 Datasheet HTML 3Page - Recom International Power REDIN45 Datasheet HTML 4Page - Recom International Power REDIN45 Datasheet HTML 5Page - Recom International Power REDIN45 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Refer to Applications Notes
AC/DC Converter
PA-1
REV.: 3/2016
www.recom-power.com
Features
• Universal AC Input (85-264VAC)
• Long 7 Year Warranty
• Protections: SCP, OVP, OCP, OTP
• 100% Full Load burn-in test
• DC OK Indicator LED with Relay Contacts
• cooling by free air convection, 5000m operation
• UL, CSA & CE certified with CB Report
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
all operating conditions
85VAC
264VAC
max. Input Voltage
max. 1 second
300VAC
375VDC
Output Voltage Adjustment
(Factory Setting) (1)
12Vout
24Vout
12-15VDC (12V±5%)
24-28VDC (24V±5%)
Input Current
full load, 115VAC
full load, 230VAC
1.35A
0.75A
Inrush Current
cold start at 25°C, 115VAC
cold start at 25°C, 230VAC
40A
60A
No Load Power Consumption
standard (with Relay)
/NR option (no Relay)
<1000mW
<500mW
Start Up time
cold start, 230VAC
500ms
1000ms
Rise time
cold start, 230VAC
20ms
Hold-up time
full load, 115VAC
full load, 230VAC
20ms
50ms
Input Frequency Range
47Hz
63Hz
Operating Frequency Range
65kHz
Efficiency
see Selection Guide
Output Ripple and Noise (2)
12Vout
24Vout
60mVp-p
75mVp-p
Over Load
all operating conditions
140% for 5 seconds max.
continued on next page
Specifications (measured at TA= 25°C, 230VAC, full load and after warm up)
Description
This DIN-rail mounted power supply uses high reliability components to give a long, trouble-free life.The
power supply can be end mounted to save space or side mounted for use in low-profile cabinets. Relay
contacts simplify DC OK monitoring and the units can deliver 60W start-up power. The REDIN series is
fully certified for industrial use and carries a 7-year warranty.
Selection Guide
Part
Input
Output
Output
Rated
Efficiency
Max.
Number
Voltage Range
Voltage
Trimming Voltage
Current
typ.
Capacitive Load
(VAC)
(VDC)
(VDC)
(A)
(%)
(µF)
REDIN45-12
85-264
12
12-15
3.75
85
18800
REDIN45-24
85-264
24
24-28
1.875
86
4700
E224736
45 Watt
DIN-Rail
Power
Supply
REDIN45
YEAR
warranty
7
CB-Report
UL-60950-1 Certified
UL-508 Certified
IEC-60950-1 Certified
EN-60715 Compliant
EN-50022 Compliant
CSA C22.2 No. 60950-1-07 Certified
Notes:
Note1: For more details refer to Vadj. Derating Graph
Note2: Ripple and Noise are measured at 20MHz bandwidth by using a 12” twisted pair-wire terminated with 0.1µF &
47µF parallel capacitor.


Similar Part No. - REDIN45

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN480 RECOM-REDIN480 Datasheet
551Kb / 7P
480 Watt DIN-Rail Power Supply
REDIN480-24 RECOM-REDIN480-24 Datasheet
551Kb / 7P
480 Watt DIN-Rail Power Supply
REDIN480-24/3AC RECOM-REDIN480-24/3AC Datasheet
638Kb / 8P
480 Watt 3 Phase DIN-Rail Power Supply
REDIN480-3AC RECOM-REDIN480-3AC Datasheet
638Kb / 8P
480 Watt 3 Phase DIN-Rail Power Supply
REDIN480-48 RECOM-REDIN480-48 Datasheet
551Kb / 7P
480 Watt DIN-Rail Power Supply
More results

Similar Description - REDIN45

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
DIN RAIL POWER SUPPLY
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
CliQ DIN Rail Power Supply
logo
Recom International Pow...
REDIN60 RECOM-REDIN60 Datasheet
620Kb / 6P
60 Watt DIN-Rail Power Supply
logo
Arch Electronics Corp.
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
Din Rail Switching Power Supply
logo
Recom International Pow...
REDIN480 RECOM-REDIN480 Datasheet
551Kb / 7P
480 Watt DIN-Rail Power Supply
REDIN240-3AC RECOM-REDIN240-3AC Datasheet
617Kb / 8P
240 Watt 3 Phase DIN-Rail Power Supply
REDIN480-3AC RECOM-REDIN480-3AC Datasheet
638Kb / 8P
480 Watt 3 Phase DIN-Rail Power Supply
REDIN960-3AC RECOM-REDIN960-3AC Datasheet
625Kb / 8P
960 Watt 3 Phase DIN-Rail Power Supply
REDIN120-3AC RECOM-REDIN120-3AC Datasheet
608Kb / 8P
120 Watt 3 Phase DIN-Rail Power Supply
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com