Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REDIN45 Datasheet(PDF) 2 Page - Recom International Power

Part # REDIN45
Description  45 Watt DIN-Rail Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN45 Datasheet(HTML) 2 Page - Recom International Power

  REDIN45 Datasheet HTML 1Page - Recom International Power REDIN45 Datasheet HTML 2Page - Recom International Power REDIN45 Datasheet HTML 3Page - Recom International Power REDIN45 Datasheet HTML 4Page - Recom International Power REDIN45 Datasheet HTML 5Page - Recom International Power REDIN45 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC/DC Converter
PA-2
REV.: 3/2016
www.recom-power.com
Efficiency vs. Load
Vadj. Derating
Specifications (measured at TA= 25°C, 230VAC, full load and after warm up)
PROTECTION
Parameter
Condition
Value
Input Fuse
T2.5A, slow blow type
Short Circuit Protection (SCP)
Hiccup
auto-recovery after fault condition
Over Voltage Protection (OVP)
12Vout
24Vout
18VDC max., shut-down latch-off o/p voltage, re-power on to recover
35VDC max., shut-down latch-off o/p voltage, re-power on to recover
Over Current Protection (OCP)
150% typ., auto-recovery after fault condition
Over Temperature Protection (OTP)
detect on inside ambient
105°C±5%, shut-down latch-off o/p voltage, re-power on to recover
Isolation Voltage
I/P to O/P
I/P to FG
O/P to FG
3.75kVAC / 1 minute
1.88kVAC / 1 minute
0.5kVAC / 1 minute
Isolation Resistance
500VDC, 70% RH, I/P to O/P; I/P to FG; O/P to FG
100M
W min.
Leakage Current
240VAC
<1.0mA
Power OK LED
Relay Contacts
LED/Relay
1A, 30VDC / 120VAC
ON if Vout = 11-16V (12V) / 22-30V (24V)
REGULATION
Parameter
Condition
Value
Line Regulation
±0.1 typ. / ±1% max.
Load Regulation
±0.1 typ. / ±1% max.
Transient Response (3)
Dwell Time
Slew Rate
12Vout (step load change: 1.875A - 3.75A)
24Vout (step load change: 0.937A - 1.875A)
±5% typ.
±5% typ.
100Hz & 1kHz 50% duty
0.5A / µs
REDIN45
Series
REDIN45-12
REDIN45-24
Load (%)
20
2000
3000
4000
5000
40
60
80
100
Ta= 35°C
Ta= 50°C
Load (%)
20
2000
3000
4000
5000
40
60
80
100
Ta= 55°C
Ta= 40°C
Derating: 1.5W / 1000m or 5°C / 1000m
Derating: 3W / 1000m or 5°C / 1000m
0
10
-10
-20
70
30
50
10
20
30
40
50
60
70
80
90
100
Ambient Temperature (°C)
24VDC
12VDC
0
10
-10
-20
70
30
50
10
20
30
40
50
60
70
80
90
100
Ambient Temperature (°C)
24VDC
12VDC
0
10
20
30
40
1
2
3
3.75
0
Load (A)
90
70
80
60
85VAC
115VAC
230VAC
264VAC
50
0
10
20
30
40
0.5
1
1.5
1.875
0
Load (A)
90
70
80
60
85VAC
115VAC
230VAC
264VAC
50
12
(24)
45W max.
15
(28)
Vadj.
80
100
Output Voltage (V)
Notes:
Note3:
Transient Response + E-CAP loading 3300
µF. Other specs with resistive load only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com